Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 82 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 82 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 78Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 79Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 80Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 81Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 82Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 83Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 84Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 85Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 82 of 97
takes to perform open-wire diagnostics, which is normally not
required.
In typical applications with source impedances in the range of
5 kΩ to 10 kΩ, a filter capacitor of 100 nF is a good compromise
and provides (together with the external resistor) adequate ESD
protection in addition to the IC internal protection diodes. A
series resistor can be placed between the source and the IC pin
with the filter capacitor to improve the filtering and protection
further. For NTC temperature sensors, this also reduces the
dependency of the filter performance on the NTC temperature.
The chapter Digital Filtering gives additional details on the
transfer functions of the digital filters and the impact of the
external analog RC filters.
HIGH-VOLTAGE RESISTIVE DIVIDERS
Any high voltage to be measured by the ADBMS2950B must be
divided down and optionally biased through VREF1P25 to
move it into the IC’s input-pin voltage range (see Table 3 and
Table 5). Typically, the upper resistor consists of several resistors
connected in series to minimize the voltage drop and power
dissipation of individual resistors and to meet creepage and
clearance requirements and to prevent further damage to the
BMS if the resistors fail in short-circuit.
Figure 65 and Figure 66 show the examples of the
measurement by the VxADC or the VBxADC through Vx or
the VBATx inputs. In these figures, PTOT represents the total
power that is dissipated in the resistors while I represents the
current flowing through these resistors.
Even though the battery voltage measurements are typically
positive, it is also possible to bias the resistive divider connected
to VBATx to the VREF1P25 pin, which allows the
measurements below GND through the VBxADC inputs as
shown in Figure 69.
Figure 65. High-Ohmic Resistive Divider for Measuring 1000V Battery
through V1. Can be Applied to Any Vx, VBATx Input
Figure 66. High-Ohmic Resistive Divider for Measuring ±1000V through V1
Using VREF1P25. Can be Applied to Any Vx, VBATx Input
The resistive divider imposes a gain factor on the measured
signal:
g = Rlow ÷ (Rlow + Rhigh)
In case the divider is connected to GND, the high voltage is
calculated from the single-ended ADC measurements VADC,SGND
of the voltage at the low-side resistor Rlow vs. SGND in the
following way:
VHVa = VADC,SGND ÷ g
In case the divider is connected to VREF1P25, the high voltage
is calculated from the differential ADC measurements
VADC,VREF1P25 of the voltage at the low-side resistor Rlow vs.
VREF1P25 in the following way:
VHVb = VADC,VREF1P25 ÷ g + VREF1P25
The VREF1P25 pin voltage can vary slightly, and must therefore
be measured periodically by the AUX ADC, and close in time to
the Vx measurements. If not all Vx pins are used, it is
recommended to connect the VREF1P25 pin externally to one
of the unused Vx pins, considering the order of the VxADC
multichannel measurements. This allows measurement of the
VREF1P25 voltage close in time to the differential Vx
measurements vs. VREF1P25. In addition, it allows the
diagnosis of faults on the VREF1P25 pin.
As any resistive divider is affected by static tolerances, it can be
calibrated by applying a known input signal and calculating the
resistive divider factor g from the ADC measurement. An
optional external EEPROM can be used as a non-volatile
storage for those calibration factors.
The typical application Figure 46 shows the LINK voltage
(LINK+, LINK−) measured through two resistive dividers
biased to VREF1P25. For most applications, only LINK− can be
below BAT− when both contactors open, and the LINK side Cx
capacitor remains charged for a while. The Cx capacitor is
biased through the two dividers towards VREF1P25, initially
yielding LINK− to ~−0.5 × VBAT and LINK+ to ~+0.5 × VBAT,
while it is discharged through the resistive dividers. LINK+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com