Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 32 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 32 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 28Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 29Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 30Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 31Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 32Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 33Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 34Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 35Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 32 of 97
The IxCAL bits are low until the initialization process has
completed, after 136 conversions. The total time required for
initialization = tIxADC_STARTUP + tIxADC_INIT.
When initialization is started by an ADV or ADX command, no
IxADC results are available, and IxCNT remains zero. For this
reason, it is recommended to start the initialization through a
continuous ADIx command and wait for 136 conversion cycles
(when IxCNT reports 136 the first time) before reading the
IxADC results for the first time.
From power-up or SRST, it takes tWAKE + tREFUP + tIxADC_STARTUP +
tIxADC_INIT for the IxADCs to meet the accuracy specification.
The VBxADC results are available during the initialization
process. All other ADCs are unaffected by the initialization
process.
IxADC Open-Wire Current Sources
As shown in Figure 1, the ADBMS2950B features current
sources at the inputs of both current measurement channels.
Activating these current sources allows the detection of a
broken connection to a shunt resistor. The Open-wire current
sources are configured by the DIAGSEL configuration register
and activated by issuing a diagnostic ADI1 or ADI2
measurement through the OPT command bits. The current
sources have a value of about 0.5 μA. As the open-wire current
sources are connected after a 3.8 kΩ ESD protection resistor,
activating them changes the reading of the corresponding
IxADC by about 1.9 mV, while it does not affect the reading of
the other IxADC. It also does not affect any of the OCxADC
readings.
Redundant I2ADC and VB2ADC diagnostic measurements
(synchronous to I1ADC and VB1ADC for redundancy) must
be terminated through one of the two ADI2 single-shot
measurement (non-diagnostic) or any other ADI2 single-shot
diagnostic (DIAGSEL) measurement command after DIAGSEL
has been set to 0b000.
Battery Voltage Measurements
The ADBMS2950B features two dedicated battery-stack voltage
measurement paths that connect to one or two external resistor-
dividers through the VBAT1 and VBAT2 pins. The voltage at
these pins is first buffered to provide a high input resistance and
then applied to two 16-bit ADCs. VB1ADC operates
simultaneously and synchronously to I1ADC whenever an
ADI1 command is issued. Diagnostic measurements selected
through DIAGSEL and activated through OPT command bits
are also performed on both ADCs simultaneously. The same is
valid for VB2ADC, which operates simultaneously and
synchronously to I2ADC. If ADI1 is issued with the RD
command bit set, all four ADCs operate synchronously,
irrespective of whether the OPT bits are set to single-shot or
continuous mode.
Redundant I2ADC and VB2ADC diagnostic measurements
(synchronous to I1ADC and VB1ADC for redundancy) must
be terminated through one of the two ADI2 single-shot
measurement (non-diagnostic) or any other ADI2 single-shot
diagnostic (DIAGSEL) measurement command after DIAGSEL
has been set to 0b000.
VBxADC Open-Wire Current Sources
Similar to the IxADCs, the VBxADCs feature current sources
connected to their inputs. The open-wire current source has a
value of 10 μA and is preceded by a 2.3 kΩ ESD protection
resistor, leading to a typical change in ADC output of about
23 mV.
Continuous or Single-Shot Measurements
The IxADC and VBxADC can be configured to perform a
single measurement or continuous measurements, which are
controlled by the OPT command bits. In continuous mode, the
result registers of the corresponding ADCs are updated at their
conversion rate (nominally 1 ms for the Ix, VBx registers, and
1 ms times ACCN for the accumulated result registers IxACC,
VBxACC) for non-diagnostic measurements.
For diagnostic measurements, the content of the accumulated
IxADC result registers is not valid and must be ignored and
only the 1 ms conversion results must be used. The
accumulated VBxADC result registers can be used for
diagnostic and non-diagnostic measurements. To end the
continuous measurement mode of the respective ADCs, a
single-shot ADI1 or ADI2 command must be sent. The
addressed ADCs then perform the last single-shot
measurement and stop.
Conversion Results Accumulation
In the continuous diagnostic measurement mode, the VBxADC
conversions are summed up to the accumulation results
VBxACC. The current measurement accumulation results
IxACC are not valid during diagnostic operation. In continuous
non-diagnostic measurement mode, the IxADC and VBxADC
results are summed up to the accumulation results IxACC and
VBxACC.
The ACCI (and the resulting ACCN) register configures the
number of IxADC and VBxADC conversions (ACCN) that are
accumulated internally before being stored to the IxACC and
VBxACC registers. The ACCI configuration becomes active
only with the next ADI1 or ADI2 command. The internal
accumulators are cleared to start a new cycle after the
accumulation result registers have been updated. The update
rate of those registers thus depends on ACCN, which can be set
to be slower than the host controller update rate, allowing to
read back-to-back conversion results.
The conversion counters I1CNT and I2CNT allow to identify
new conversions and discard those that are already read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com