Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 68 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 68 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 64Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 65Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 66Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 67Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 68Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 69Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 70Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 71Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 68 of 97
PROVIDING DC POWER
The primary supply pin for the ADBMS2950B is the 5V ± 0.5V
VREG input pin, which mainly supplies all references, ADCs, the
digital core, and the OC, GPIO circuitry. The VDD power input
pin supplies the DRIVE regulator, and the GPO output stages.
VDD must be connected either to VREG for 5V only operation or
to 11V to 20V supply to provide higher drive voltage on the
GPOs. There is no functional, performance or accuracy
difference between the supply options VDD = VREG = 5V and VDD
≥ 11V, VREG = 5V besides the driving capability of the GPOs
being either 5V or >11V and the DRIVE output voltage being
available only when VDD ≥ 11V. There are several ways to supply
the ADBMS2950B, as described in the following sections.
Figure 47. ADBMS2950B Power Supply Options
VDD, VREG Single 5V Supply
The VDD and VREG pins can both be supplied directly by an
external 5V supply, for example, an isolated 5VIN to 5VOUT
ADuM derivative from the Analog Devices isoPower series.
This is the easiest power supply option, with the only limitation
of the maximum GPO drive voltage being also limited to 5V.
This is suitable for most applications that do not require to
drive N-channel MOSFETS directly through the GPOs.
VDD 11V to 20V Supply
In all other supply options, a 11V to 20V supply must be
connected to the VDD power input. A 47 Ω, 100 nF RC
decoupling network is recommended for filtering and to protect
the IC from transients. shows the various options by either
using a 11V to 20V supply which is regulated down to 5V for
VREG or a 5V supply which is then boosted to 11V to 20V for
VDD. In the latter case, the internal diode from VREG to VDD is
important to note as it forbids using a boost converter or charge
pump that actively pulls-down the output when not enabled.
The lower left drawing of Figure 47 shows this diode for clarity.
11V to 20V Supply and NPN Linear Regulator
For the 11V to 20V supply, an isolated flyback or push-pull
regulator can be used. A discrete regulator with the addition of
a few external components can be formed through DRIVE pin,
as shown in Figure 46, Figure 47 upper left, and Figure 48.
The DRIVE pin provides a 5.7V output, capable of sourcing
several mA.When buffered with NPN transistor, this
configuration provides a stable 5V over temperature. Choose
the NPN transistor to have a sufficient beta value over
temperature (>40) to provide the necessary supply current. The
peak VREG current requirement of the ADBMS2950B
approaches 30 mA when simultaneously communicating over
the isoSPI and while making ADC conversions. The supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com