Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 17Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 18Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 19Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 20Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 21Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 22Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 23Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 24Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 21 of 97
Timing
Figure 4 shows the isoSPI timing diagram for a read command
to daisy-chained ADBMS devices. The bottom device and the
corresponding Port A is configured as an SPI port (CSB, SCK,
SDI, and SDO). The isoSPI signals of three stacked devices are
shown labeled with the port (Port A or Port B) and the device
number. Note that ISO B1 and ISO A2 are the same signal but
are shown on each end of the transmission cable that connects
Device 1 and Device 2. Similarly, ISO B2 and ISO A3 are the
same signal, but with the cable delay shown between Device 2
and Device 3.
Bit WN to Bit W0 refer to the 16-bit command code and the 16-
bit PEC of a read command. At the end of Bit W0, the three
devices decode the read command and begin shifting out valid
data on the next rising edge of clock SCK. Bit XN to Bit X0 refer
to the data shifted out by Device 1. Bit YN to Bit Y0 refer to the
data shifted out by Device 2, and Bit ZN to Bit Z0 refer to the
data shifted out by Device 3. All data is readback from the SDO
port on Device 1 in a daisy-chained fashion.
SPI and isoSPI Interface Topologies
Figure 19 to Figure 22 give an overview of all possible SPI and
isoSPI interface configurations using ADBMS2950B and
optionally the cell monitor ADBMS6830B. The ADBMS2950B
is not supporting the low-power cell monitoring (LPCM)
feature of the ADBMS6830B devices. Systems requiring these
features must implement either a dedicated daisy-chain with
ADBMS6830B devices only, or the mixed daisy-chain according
to Figure 22, which allows LPCM operation through the lower
ADBMS6822 channel, indicated by the INTR line and the
LPCM/normal operation (norm. op) label on the related isoSPI
link.
Figure 19. Single Device Digital Isolated 4-wire SPI Interface Configuration
Figure 20. Digital Isolated 4-wire SPI with Non-Reversible Mixed Device isoSPI Daisy-Chain Interface Configuration
Figure 21. Non-Reversible Mixed Device isoSPI Daisy-Chain Interface Configuration
Figure 22. Reversible Mixed Device isoSPI Daisy-Chain Interface Configuration with LPCM Support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com