Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 71 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 71 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 67Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 68Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 69Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 70Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 71Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 72Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 73Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 74Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 71 of 97
The polarity of the IxADC measurement results is different for
the two channels. With the recommended connection as
described above, channel I1 battery current is negative when
discharging (IxB > IxA) and positive when charging (IxA >
IxB); channel I2 inverse. The host controller software can invert
the measurement quantities as required.
The shunt resistor shorts all current sense inputs to GND,
which simplifies the input protection. Additionally, the
ADBMS2950B has internal ESD protection on all inputs as
shown in the Protection Features section. To further increase
protection, an external RC filter can be connected to the current
sense inputs as shown in Figure 51. The additional filtering is
not required for the IxADC inputs because of the preamplifier
having a low-pass filter characteristic. Still, the buffers in front
of the OCxADCs do not have this low-pass filter characteristic,
which allows to capture short current peaks through those fast
ADCs if required. On the other hand, the parasitic inductance
of the shunt resistor can cause an additional voltage drop during
fast current transients (di/dt), which could cause false
overcurrent measurements and false overcurrent alerts when a
short deglitch time configuration (OCDGT) is used. The
external RC filter can compensate for this effect and also reject
common mode signals.
RC Filter Selection
If the RC filter at the input matches the RL of the shunt (R × C
= L ÷ RSHUNT), the measured voltage follows the actual current in
an optimum way. The inductance of typical 50 μΩ to 100 μΩ
bus bar type shunts is on the order of 1 nH. The shunt
manufacturer can be consulted for measurement data if
required.
A simple recommendation is to set the time constant of the RC
filter to the maximum value that is still acceptable for
measuring the shortest current spikes to be detected by the
overcurrent ADCs. Alternatively, the RC filter can be adjusted
to yield the right response to a current step or ramp applied to
the shunt. Similar to the compensation that is done for scope
probes, but in typical cases the resulting time constants are
significantly shorter than what is required for fast overcurrent
detection within single-digit multiples of the OCxADC
conversion time, thus the first approach fits in typical use cases.
The series resistors can be up to 220 Ω per input; larger values
should be avoided as they could cause additional offset errors
due to pin leakage currents. While low resistor and high
capacitor values are preferred for measurement, resistor values
in the range from 120 Ω to 150 Ω are recommended for robust
diagnostics of the shunt connectivity.
The overcurrent detection deglitch time setting (OCDGT)
allows additional digital filtering to avoid false positive events in
the presence of current spikes. A good compromise for
detecting fast current events and filtering high frequency
signals is an RC setting of 120 Ω (Rp) and 220 nF (Cp) for all
common mode input filters.
Because of the single SxA pins per channel, differential filter
capacitors should not be added to the current and overcurrent
sense input pins as they lead to imbalanced filtering between
the Sx and Ix measurements and between the OC3ADC and the
other channels. On the other hand, a mismatch between the
common mode filters could cause a common mode to
differential conversion during AC signals. With the time
constant of the RC filter being very short, 26 µs for the
recommended RC values, and the mismatch between filters
being no more than 10%, the error is averaged out over the
IxADC conversion time.
An error signal could become visible during the shorter
OCxADC conversion time. Assuming a common mode step
input signal and 10% RC mismatch, the false differential signal
could reach 5% of the step as shown in following calculation.
Using the exponential equation describing the voltage at the
capacitor of the RC relative to the input signal:
VOUT ÷ VIN = 1 − e(−t÷τ), where τ = R × C
The relative output signal with different time constant after one
OCxADC conversion time becomes:
•
−10% RC error: RC = 23 µs: 1 − e(−62/23) = 93%
•
+10% RC error: RC = 29 µs: 1 − e(−62/29) = 88%
The resulting differential signal is 5% of the step. After three
OCxADC conversion times, the relative differential signal is
decreased to only 1%.
Common-mode input signals can be avoided by design and by
following the layout rules on the shunt's GND connection that
eliminates most signal on the IxA inputs as they are on the
GND side of the shunt. This ensures most of the differential
sense signal is seen on the IxB pins only. It significantly reduces
common mode to differential signal conversion of the values
calculated above. Additionally, it avoids OCxADC false trigger
events even with short deglitch time settings.
Current Sense Layout Recommendation
Figure 51 shows the recommended current sense input RC
filters. The placement and layout of the current sense input
circuitry should be symmetric on all inputs as shown in the
layout recommendation along the horizontal axis. This way,
temperature gradients that are more appropriate to appear
along the vertical axis do not cause differential thermocouple
voltage in the sense lines. Instead, all connection points (pad to
component, trace to via) are at the same temperature, and the
resulting thermocouple voltage that may develop is canceled
out. In that sense, it is also recommended to have any required
vias within a differential pair to be close together to ensure
good thermal coupling between them. For the same reason, any
connection points on the PCB should be at same temperature,
also the sense pads or pins of the shunt resistor should be at the
same temperature to minimize thermocouple voltages that lead
to offset errors. Symmetric heat dissipation of the shunt along



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com