Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 5Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 6Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 7Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 8Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 9Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 10Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 11Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 12Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 9 of 97
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VREG Supply Current for isoSPI
ISOMD = 0, READY
2.6
3.2
3.9
mA
ISOMD = 0, ACTIVE1
7
8.5
11.5
mA
tCLK = 0.5 μs
ISOMD = 1, READY
3.7
mA
ISOMD = 1, ACTIVE WRITE1
7.5
9
12
mA
tCLK = 0.5 μs
ISOMD = 1, ACTIVE READ1
12.5
14
18
mA
tCLK = 0.5 μs
Thermal Shutdown Temperature
150
°C
1
The active state current is the additional average supply current flowing into VREG when there is continuous 2 MHz communications on the (iso)SPI ports and is
calculated from DC measurements. Slower clock rates reduce the supply current.
Table 13. Supply Monitors
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VREG Power-on Reset1
2.8
4.1
V
VREG MONITOR THRESHOLDS
When leaving the VREG operating range
Undervoltage (UV)
4.325
4.425
V
Overvoltage (OV)
5.575
5.675
V
VDIG MONITOR THRESHOLDS
When leaving the VDIG operating range
Undervoltage (UV)
2.725
2.825
V
Overvoltage (OV)
3.475
3.575
V
VDD UNDERVOLTAGE MONITOR
THRESHOLDS
VDDUV
3.925
4.475
VDRUV
8
V
1
The Min value defines the minimum negative-going reset threshold, and the Max value defines the maximum positive-going reset threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com