Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 29 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 29 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 25Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 26Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 27Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 28Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 29Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 30Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 31Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 32Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 29 of 97
commands allow to read from the first device in the chain only.
The Read (RD48) commands allow to access data from all
devices in the chain. The following example assumes two
ADBMS2950B (NP = 2) and five ADBMS6830B (NQ = 5)
making a total of seven devices in the daisy-chain.
Table 37. Daisy Chain Command Types
Type
Bc
Bd
B
Description
A
4
0
4
Action command, no data bytes.
R1
4
8
12
Read from 1st device in daisy-chain (Bd = 8).
W1
4
8
12
Write to 1st device in daisy-chain (Bd = 8).
RP
4
16
20
Read from pack monitors (first in chain) only (Bd =
NP × 8).
WP
4
16
20
Write to pack monitors (first in chain) only (Bd = NP
× 8).
RALL
4
20
24
Read All from 1st device in daisy-chain (Bd = 20).
R
4
56
60
Read from all devices in daisy-chain (Bd = N × 8).
W
4
56
60
Write to all devices in daisy-chain (Bd = N × 8).
Table 38 shows the timing of an example sequence, triggering
cell voltage and battery pack voltage and current conversions,
read all cells from all cell monitors and read voltages and
currents from all pack monitors.
Note that the ADI1 and ADCV are compatible commands.
When sending ADCV to a daisy-chain, all cell monitor devices
trigger cell conversion and all pack monitor devices trigger pack
current and voltage conversion synchronously. In result, it is not
required to send ADCV and ADI1 separately. Also, in typical
applications, ADCV or ADI1 are issued with the CONT bit set
only once after initialization, resulting in the related ADCs to
operate continuously. The conversion result registers update
periodically and can be read by the host controller any time.
The SNAP, UNSNAP commands allow to read data coherently
from the daisy-chain.
Table 38. Daisy-Chain Pack and Cell Monitor Sequence
Example
#
CMD
Type
B
T
Description
1
ADCV,
ADI1
A
4
18 μs
Trigger cell voltage and
current conversion.
2
ADV
A
4
18 μs
Trigger VxADCs.
3
RDACA
R
60
242
μs
Read cells 1 to 3.
4
RDACB
R
60
242
μs
Read cells 4 to 6.
5
RDACC
R
60
242
μs
Read cells 7 to 9.
6
RDACD
R
60
242
μs
Read cells 10 to 12.
7
RDACE
R
60
242
μs
Read cells 13 to 15.
8
RDACF
R
60
242
μs
Read cells 16.
9
RDV1A
RP
20
82 μs
Read V1ADC results V1A to
V3A.
10
RDV1B
RP
20
82 μs
Read V1ADC results V4A to
V6A.
11
RDV1C
RP
20
82 μs
Read V1ADC results V7A, V8A,
VREF2A.
12
RDIACC
RP
20
82 μs
Read battery pack current.
13
RDVBACC
RP
20
82 μs
Read battery pack voltage.
#
CMD
Type
B
T
Description
Total
468
1.9 ms
CORE STATE DESCRIPTION
Figure 27. Core State Diagram
Power-Down State
The ADBMS2950B is in power-down state when its VDD and
VREG supplies are not provided. In this state, the OCx, GPIO,
and GPO output pins as well as the V1 to V10 and VBAT input
pins are high impedance. External sources can charge the VREG
pin through conductive paths of internal protection diodes as
shown in the ESD protection diagram (see Figure 50). In turn,
VREG can charge VDD through another internal protection diode.
The total current that is injected into VREG in this manner
should not exceed 4 mA. Once VREG has reached its power-on
reset threshold (see Table 13), the IC transition to the
STANDBY state (as shown in STANDBY State) after tWAKE, and
subsequently transition to the REFUP state (as shown in
REFUP State). Because of the internal protection diode, the VDD
pin voltage minimum tracks the VREG pin voltage minus the
diode forward voltage (~0.6V). The VDD pin must not be forced
externally more than 0.3V below VREG (see Table 18).
STANDBY State
In the STANDBY state, the internal oscillators and references
are activated, and the host can communicate with the IC. When
VDD is above 11V, the DRIVE pin is driven to ~5.7V. Once the
references are guaranteed to meet their specified inaccuracy
(after tREFUP), the IC automatically transitions to the REFUP
State. To distinguish the STANDBY state from the REFUP State,
the bit REFUP in CFGA register (see Table 69) can be read.
ADC measurements cannot be initiated in the STANDBY state
but only in the REFUP State. If the host sends an ADC
command (ADI1, ADI2, ADV, and ADX), the IC acknowledges
it through incrementing the command counter, but the ADCs
are not triggered. Instead, the host should either wait for the
maximum tREFUP or for the REFUP bit set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com