Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 81 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 81 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 77Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 78Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 79Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 80Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 81Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 82Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 83Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 84Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 81 of 97
Figure 64. Shunt Resistor with a Center Tap
VOLTAGE SENSE INPUTS
The V1 to V10, VBAT1, and VBAT2 inputs are typically
connected to high-impedance sources such as resistive high-
voltage dividers and NTC temperature sensors. The buffered
high-impedance inputs of the ADBMS2950B minimize errors
due to the source impedance and decouple the ADCs sampling
currents.
For the continuously converting VBAT inputs, the external
analog filter must remove signal components at frequencies at
least above half the sampling frequency (0.5 × 4.1 MHz
~2 MHz). However, due to limited damping of the first-order
SINC filter of the ADC and the typical external first-order RC
Filter, a cut-off frequency of 1 kHz or smaller is recommended.
Additional digital filtering is applied in the accumulated IxADC
and VBxADC result registers, IxACC and VBxACC, which can
be used for matched converted and filtered battery pack current
and voltage measurements, which allows the calculation of the
battery pack impedance.
The voltage inputs V1 to V10 are measured on-demand instead
of continuously, and the update rate is defined by the host that
triggers the conversions. For those inputs, a lower cut-off
frequency of the external filter may be required, which depends
on the frequency spectrum of the system noise and the accuracy
requirements. Long external time constants extend the time it



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com