Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 42 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 42 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 38Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 39Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 40Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 41Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 42Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 43Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 44Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 45Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 42 of 97
Figure 30. VxADC and VBxADC Transfer Function
Figure 31. VxADC and VBxADC Transfer Function Detail
Poll Commands
The simplest method to determine ADC completion is for the
host controller to start an ADC conversion and wait for the
specified conversion time to pass before reading the results. The
ADBMS2950B also allows the use of polling for conversion
completion of ADCs triggered for single-shot measurements.
For the ADCs in continuous mode, the successful polling of the
end of conversion (EOC) is not possible. Any ADC trigger
command (ADI1, ADI2, ADV, and ADX) supports polling by
extending the serial transaction to read the poll data. Four
polling commands allow polling of groups of ADCs after they
have been triggered:
•
PLI1 for I1ADC/VB1ADC
•
PLI2 for I2ADC/VB2ADC
•
PLV for V1ADC/V2ADC
•
PLX for AUX ADC
Additionally, the global Poll command PLADC allows to poll
for completion of all ADCs in case none of them operate in
continuous mode.
Table 59. PLI1, PLI2, PLV, PLX Command Codes
Name
Type
BIT
10
BIT
9
BIT
8
BIT
7
BIT
6
BIT
5
BIT
4
BIT
3
BIT
2
BIT
1
BIT
0
Description
PLI1
CMD
1
1
1
0
0
0
1
1
1
0
0
Poll I1ADC and VB1ADC conversion completion
(ADBMS6830B: PLCADC).
PLI2
CMD
1
1
1
0
0
0
1
1
1
0
1
Poll I2ADC and VB2ADC conversion completion
(ADBMS6830B: PLSADC).
PLV
CMD
1
1
1
0
0
0
1
1
1
1
0
Poll V1ADC and V2ADC conversion completion (ADBMS6830B:
PLAUX1).
PLX
CMD
1
1
1
0
0
0
1
1
1
1
1
Poll AUX ADC conversion completion (ADBMS6830B: PLAUX2).
PLADC
CMD
1
1
1
0
0
0
1
1
0
0
0
Poll IxADC, VBxADC, VxADC, AUX ADC conversion completion
(ADBMS6830B: PLADC).
ADC Total Measurement Error
The IxADCs each have a resolution of 18 bits, but their
precision is limited by random noise. At their 1 ms conversion
time, the random noise follows a normal distribution with a
standard deviation of 1.6 µVRMS. The precision can be improved
by accumulating (averaging) multiple conversions. For every
doubling of the number of conversions that are accumulated,
the precision improves by a factor √2.
Figure 32 shows the precision for a zero-input signal. The
graph shows both the standard deviations as well as ±3.5σ
limits, which correspond to a 99.98% confidence interval. As
the number of accumulated conversions is increased, the
precision improves and settles towards the accuracy. The
accuracy of the IxADCs is determined by their offset, gain
error, and nonlinearity. At zero-input, only the offset is relevant.
The precision shown in Figure 32 equals the TME for such an
input signal.
The accumulation or averaging can be performed externally or
by using the programmable on-chip accumulators. The
resolution of the IxACC registers is a function of ACCN. The
resolution of the 1 ms data in the I1 and I2 registers is fixed to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com