Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 56 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 56 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 52Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 53Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 54Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 55Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 56Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 57Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 58Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 59Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 56 of 97
Note:
1
The thermal shutdown indicator bit THSD is not cleared by
the SRST command, but only after a power-on-reset or through
the CLRFLAG command.
Registers and bits that are subject to the SNAP, UNSNAP
protocol are marked with FRZ in the Type column of the
register and bit descriptions. For more details on the operation
of the snap, unsnap commands, see the Snapshot Commands
section.
Both the non-volatile memories: NVM1 and NVM2 are
protected through ECC bits. Faults are reported into the SED1,
MED1, SED2, and MED2 bits. After power-up or reset, the
non-volatile memories are read and stored into volatile registers
that are implemented redundantly.
The STAT register contains status bits of read-only type. It can
be read with the RDSTAT command.
Table 75. STAT Register Map
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
000000
OCBP
OCAP
1
I2CAL
I1CAL
0000
DER[1:0]
2
00000000
3
GPO6H
GPO5H
GPO4H
GPO3H
GPO2H
GPO1H
GPO6L
GPO5L
4
GPO4L
GPO3L
GPO2L
GPO1L
GPIO4L
GPIO3L
GPIO2L
GPIO1L
5
REVID[3:0]
0000
The RDSID command is used to read the SID register.
Table 76. SID Register Map
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
SID[7:0]
1
SID[15:8]
2
SID[23:16]
3
SID[31:24]
4
SID[39:32]
5
SID[47]
DEVID[5:0]/SID[46:41]
SID[40]
Table 77. SID and STAT Bit Description
Name
Type
Reset
Value
Description
SID
RO
As per part
48-bit Unique Serial Identifier. The DEVID uses 6 bits of the SID.
DEVID
RO
As per derivative
Device Derivative Identifier is part of the serial identifier SDI[46:41].
00 0110
ADBMS2950B.
REVID
RO
As per revision
Device Revision Identifier.
0001
Rev B.
0010
Rev C.
0011
Rev D.
0100
Rev E.
DER
RO
As per derivative
Derivative Code.
00
ADBMS2950B.
01
Invalid.
10
Invalid.
11
Invalid.
OCAP
RO
x
OCA Pin State, when OCMODE = 11 or for Diagnostics.
0
OCA pin reads back as low.
1
OCA pin reads back as high.
OCBP
RO
x
OCB Pin State, when OCMODE = 11 or for Diagnostics.
0
OCB pin reads back as low.
1
OCB pin reads back as high.
I1CAL
RO
0
I1ADC Initialization Status.
0
I1ADC has not yet completed initialization.
1
I1ADC has completed initialization.
I2CAL
RO
0
I2ADC Initialization Status.
0
I2ADC has not yet completed initialization.
1
I2ADC has completed initialization.
GPIO1L
RO
1
GPIO1 Read Back.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com