Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 15Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 16Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 17Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 18Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 19Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 20Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 21Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 22Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 19 of 97
THEORY OF OPERATION
SERIAL INTERFACE OVERVIEW
There are two types of serial ports on the ADBMS2950B: a 2-
wire isolated interface (isoSPI), and a standard, 4-wire SPI. The
state of the ISOMD pin determines whether the pins SDO, SDI,
SCK/IPA, and CSB/IMA form a 2-wire or 4-wire serial port.
Both the 2-wire and 4-wire serial ports can communicate at
2 Mbps. The ADBMS2950B can be used in a daisy-chain
configuration where the second isoSPI interface uses Pins IPB
and IMB. When Port A is configured as a 4-wire interface, Port
A is always the peripheral port, and Port B is the controller
port. Communication is always initiated on Port A of the first
device in the daisy-chain configuration. The final device in the
daisy-chain does not use Port B. For recommendation on the
unused isoSPI port, see the pin descriptions. When Port A is
configured as a 2-wire isoSPI interface, communication can be
initiated at any port allowing any port to become a peripheral or
a controller port.
4-Wire SPI Physical Layer
External Connections
Connecting ISOMD low configures serial Port A for 4-wire SPI.
The SDO pin is an open-drain output that requires a pull-up
resistor connected to the appropriate supply voltage.
Timing
The 4-wire serial port is configured to operate in an SPI system
using either CPHA = 0 and CPOL = 0, or in an SPI system using
CPHA = 1 and CPOL = 1. Consequently, data on SDI must be
stable during the rising edge of SCK. The timing is shown in
Figure 2.
The maximum data rate is 2 Mbps. However, the device is
tested at a higher data rate during production to guarantee
operation at the maximum specified data rate.
2-Wire isoSPI Physical Layer
The 2-wire interface provides a means to interconnect the
ADBMS2950B and ADBMS6830B devices using a simple
twisted pair cabling. Standard SPI signals are encoded in
differential isoSPI pulses as shown in Figure 3 and Figure 4.
The interface is designed for low-packet error rates when the
cabling is subjected to high RF fields. Isolation is achieved
through an external transformer or capacitors.
When using pure capacitive isolation for the isoSPI between the
HV and LV network, it must be considered that voltage
transients across the isolation barrier may cause absolute
maximum voltage or current violation of the IC pins. Such
transients also may disturb the current-sense input pins leading
to false (over) current signals. It is recommended to use a
transformer on the isoSPI link between the HV battery and LV
chassis ground or between multiple reconfigurable (parallel or
series) HV batteries to minimize the capacitance and thus AC
currents between the various subnets. A combination of a
transformer at one end and capacitors at the other end of the
link is also supported. For more details on noise impacting the
(over) current measurement, see the Applications and Current
Sense Inputs sections.
External Connections
The ADBMS2950B has two serial ports: Port A and Port B. Port
B is always configured as a 2-wire interface. Port A is either a 2-
wire or 4-wire interface, which depends on the connection of
the ISOMD pin.
When Port A is configured as a 4-wire interface, then it is
always the peripheral port, and Port B is the controller port.
Communication is always initiated on Port A of the first device
in this daisy-chain configuration. If the final device in the daisy-
chain does not use Port B, it must be terminated or shorted to
the PCB ground plane. Alternatively, the Port B of the last
device can be connected back to a second isoSPI port at the
BMS controller side to implement a communication ring
architecture. This allows a redundant communication path to
all devices in the daisy-chain besides the first that is configured
to a 4-wire interface.
When Port A is configured as a 2-wire interface,
communication can be initiated on either Port A or Port B. If
communication is initiated on Port A, the IC configures Port A
as a peripheral and Port B as a controller. Similarly, if
communication is initiated on Port B, the IC configures Port B
as a peripheral and Port A as a controller. For more details, see
the Reversible isoSPI section.
Reversible isoSPI
Figure 22 shows a daisy-chained configuration of the ADBMS
devices using reversible isoSPI. Two ADBMS6821 or a single
ADBMS6822 is connected to either side of the daisy-chain.
Both ADBMS6821s are configured as controllers and connected
to two separate SPI ports of the BMS controller allowing
simultaneous communication to split daisy-chains
(COMMBK). Alternatively, the ADBMS682x can share the
same SPI to connect to the BMS controller. The BMS controller
then uses two different CS signals to talk to one of the two
channels at a time. The reversible isoSPI provides a redundant
communication path in the event of a single point failure in the
2-wire interface. During normal operation, the COMMBK-
feature allows to split the isoSPI ring to double the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com