Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 83 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 83 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 79Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 80Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 81Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 82Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 83Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 84Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 85Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 86Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 83 of 97
stays above BAT− all the time, thus it is not required to bias the
connected divider to VREF1P25, instead, it can also be
connected to GND (BAT−) directly according to Figure 65.
For Figure 46, the differential LINK voltage (LINK+ vs. LINK−)
is measured and calculated as following:
VLINK+ = VV2,VREF1P25 ÷ gLP + VREF1P25
VLINK- = VV4,VREF1P25 ÷ gLN + VREF1P25
VLINK = VLINK+ − VLINK− = VV2,VREF1P25 ÷ gLP − VV4,VREF1P25 ÷ gLN
where gLP is the gain factor of the LINK+ divider and gLN the
gain factor of the LINK− divider.
If both dividers have the same ratio, gLP = gLN = g the equation
can be simplified:
VLINK = (VV2,VREF1P25 − VV4,VREF1P25) ÷ g = VV2,V4 ÷ g
Which allows a single differential measurement of VV2,V4, V2 vs.
V4 (VS2 set to 0b11) that yields the differential LINK voltage.
Input Leakage Current
All voltage inputs of the ADBMS2950B are buffered but still
exhibit some leakage current. The input leakage current ILEAK
during measurements of any pin is listed under the Input
Current entry in Table 3 and Table 5. The source impedance
RSRC of the resistive divider multiplied by ILEAK defines the
additional absolute voltage error at the ADC input. With a
source impedance of 10 kΩ this error is in the range of 150 μV
and translates with the inverse of the resistor-divider gain factor
g to a measurement error on the high side. At an ADC input
signal of 1.0V, it translates to a gain error of less than 0.02% and
can usually be neglected.
The input leakage current ILEAK changes with input signals and
over temperature but stays within the limits listed in Table 3
and Table 5. It can be calibrated only partially during a post-
production board test procedure. The worst-case error is
calculated as follows.
Source impedance:
RSRC = Rlow × Rhigh ÷ (Rlow + Rhigh)
Absolute measurement error at ADC input due to pin leakage
current:
eabs,ADC = RSRC × ILEAK
Absolute measurement error at high-voltage input due to pin
leakage current:
eabs,HV = eabs,ADC ÷ g
Note that the pin V4 has a higher maximum input-leakage
current specification.
VBATx Connection Options
Figure 67, Figure 68, Figure 69, and Figure 70 show all possible
configuration options of the VBATx input connections.
Figure 67. VBATx Configuration for Unipolar Differential Measurement
Figure 68. VBATx Configuration for Unipolar Single-Ended Redundant
Measurement
Figure 69. VBATx Configuration for Bipolar Differential Measurement
Figure 70 is shown for completeness on the VBATx connection
options. It is possible from a functional perspective with the
downside that single-ended measurements (here, VBATx vs.
GND) at inputs connected to dividers that are biased to
VREF1P25 suffer from measurement errors in noisy
environments.
Any measurement error of VREF1P25 (for example, deviation
in voltage between the time of the Vx and the VREF1P25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com