Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 64 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 64 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 60Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 61Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 62Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 63Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 64Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 65Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 66Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 67Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 64 of 97
SPI Controller Parameter
Timing Relationship to Primary SPI
Timing Specifications at tCLK = 0.5 µs
CSBM Falling to SCKM Rising
tCLK + t3
Min 0.6 µs
SCKM Falling to SDIOM, SDOM Valid
Controller requires < tCLK
1
When using the isoSPI, t4 is generated internally and is a minimum of 30 ns. Also, t3 = tCLK − t4. When using the SPI, t3, and t4 are the low and high times of the SCK input, each
with a specified minimum of 100 ns.
Table 86. I2C Controller Timing
I2C Controller Parameter
Timing Relationship to Primary SPI
Timing Specification at tCLK = 0.5 µs
SCL Clock Frequency
1 ÷ (2 × tCLK)
Max 1 MHz
tHD;STA
t3
Min 100 ns
tLOW
tCLK
Min 0.5 µs
tHIGH
tCLK
Min 0.5 µs
tSU;STA
tCLK
+ t14
Min 0.53 µs
tHD;DAT
t4
Min 30 ns
tSU;DAT
t3
Min 100 ns
tSU;STO
tCLK
+ t14
Min 0.53 µs
tBUF
3 × tCLK
Min 1.5 µs
1
When using the isoSPI, t4 is generated internally and is a minimum of 30 ns. Also, t3 = tCLK − t4. When using the SPI, t3, and t4 are the low and high times of the SCK input, each
with a specified minimum of 100 ns.
SPI Sequence Example
The following steps are required to write and read any number
of bytes to an SPI peripheral connected to the ADBMS2950B:
1. Ensure that GPIOs/GPOs used for SPI transactions
are not actively forced low through CFGA, CFGB
register settings. For multiple chip-selects, if the
default GPIO2 is not used, the alternative CS must be
manually asserted through CFGA.
2. Write data and control action through WRCOMM.
3. Perform transmission through STCOMM: 4 bytes for
command PEC and 3 bytes per byte to be transmitted,
maximum 9 bytes, independent of the length of the
daisy-chain as all ICs of the daisy-chain perform the
transmission simultaneously (no daisy-chain shift
register activated for this command). The data is do
not care, for example, it can be set to all 0x00.
4. Get data received during transmission through
RDCOMM if required (for example, not needed if
data is written to the peripheral only).
5. Continue with step 2 for any additional bytes.
The following is an example for writing 5 bytes (0xA1, 0xB2,
0xC3, 0xD4, 0xE5) and reading back all bytes received during
the transaction on the SDI input pin:
1. Write data and control action through WRCOMM.
ICOM0 = 0x8 (CS low), FCOM0 = 0x0 (hold CS low)
ICOM1 = 0x8 (CS low), FCOM1 = 0x0 (hold CS low)
ICOM2 = 0x8 (CS low), FCOM2 = 0x0 (hold CS low)
DATA0 = 0xA1, DATA1 = 0xB2, DATA2 = 0xC3
2. Perform transmission through STCOMM.
STCOMM (4 bytes for command PEC) followed by 9
bytes.
3. Get data received during transmission through
RDCOMM.
DATA0 (SDI byte 0), DATA1 (SDI byte 1), DATA2
(SDI byte 2).
4. Write data and control action via WRCOMM for the
last two remaining bytes.
ICOM0 = 0x8 (CS low), FCOM0 = 0x0 (hold CS low)
ICOM1 = 0x8 (CS low), FCOM1 = 0x9 (transmit
CSBM high after byte transmission)
ICOM2 = 0xF (no transit), FCOM2 = 0x9
DATA0 = 0xD4, DATA1 = 0xE5, DATA2 = 0xFF (3rd
byte is do not care)
5. Perform transmission through STCOMM.
STCOMM (4 bytes for CMD+PEC) followed by 6
bytes to transmit 2 bytes to the SPI peripheral only. It
is also possible to send 9 bytes to keep the STCOMM
common independent of number of bytes to be
transmitted as the ICOM/FCOM registers define
when to stop the transaction.
6. Get received data during transmission via RDCOMM.
DATA0 (SDI byte 3), DATA1 (SDI byte 4)
If several SPI peripherals are connected, whenever the default
CSBM is not used, the host must select the peripheral through
WRCFGA asserting the desired GPOx (CS of the peripheral)
before sending the COMM commands. ICOMx and FCOMx
must be set to 0x9 (instead of 0x8 and 0x0) for any byte to be
transmitted, and the SPI sequence is terminated with a final
WRCFGA de-asserting the used GPOx.
I2C Sequence Example
The following steps are required to write and read any number
of bytes to an I2C peripheral connected to the ADBMS2950B:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com