Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 10Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 11Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 12Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 13Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 14Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 15Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 16Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 17Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 14 of 97
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 5.ADBMS2950B Pin Configuration
Table 20. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
40
VDD
S
GPO and DRIVE Power-Supply Voltage Input. Bypass this pin to PCB ground plane with a 0.1 μF (or greater) capacitor.
Connect to VREG for 5V only supply option.
42
VREG
S
Main Power-Supply Input. Bypass this pin to PCB ground plane with a 1 μF (or greater) capacitor. Connect to VDD for 5V
only supply option.
41
DRIVE
O
Control Pin for VREG Supply. Connect the base of an NPN transistor to this pin. Connect the collector to VDD and the
emitter to VREG. Leave floating if unused. For recommended external circuitry, see the Providing DC Power section.
44
GND
S
Power-Supply Ground. Connect to PCB ground plane.
46
SGND
I
Kelvin Sense Signal Ground Pin. It must be connected to the PCB ground plane. Ensure separation of signal ground paths
from power ground paths by placement of components and optional slots in the ground plane.
47
RGND
REF
Kelvin Sense Reference Ground Pin. Ground connection to the internal references must be connected to the PCB ground
plane. Ensure separation of reference and signal ground paths from power ground paths by placement of components
and optional slots in the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com