Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 93 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 93 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 89Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 90Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 91Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 92Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 93Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 94Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 95Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 96Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 97Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 93 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 93 of 97
maximum (MAX) oscillator frequency. Every time CntACC
increments by one, a new IxACC result appears, assuming the
host implements the following read sequence:
•
SNAP (to freeze all the result registers)
•
RDFLAG (to get I1CNT, I1PHA)
•
RDIACC (to get the accumulated conversion results)
•
… (any other readings, for example, VBxACC results)
•
UNSNAP (to un-freeze all result registers)
This sequence is equivalent to:
•
UNSNAP (to un-freeze all result registers)
•
SNAP (to freeze all the result registers)
•
RDFLAG (to get I1CNT, I1PHA)
•
RDIACC (to get the accumulated conversion results)
•
… (any other readings without final unsnap)
The advantage of the second sequence is that there is an
intrinsic check that all commands are executed correctly
without relying on the following read command that checks the
command counter increment after the final unsnap of the first
sequence. The initial commands unsnap, snap used here ensure
a new snapshot of the result registers is taken before executing
the read commands. When implementing this approach, the
unsnap, snap commands must precede any other sequences that
read results marked with the FRZ identify in the register and bit
description tables. This ensures coherent data reading, for
details, see the Snapshot Commands section.
In both the sequences, the snapshot commands ensure that
I1CNT, I1PHA, and conversion results are read coherently
allowing the host to decide for every dataset if a new result is
read (CntACC incremented by one in Table 89) or if the dataset
is old and can be discarded. For example, Table 89 shows the
column CntACC-MIN did not increment between #4 and #5
remaining at 3 conversions. Still, a hypothetical device running
at the nominal oscillator frequency has already provided the 4th
sample as shown in column CntACC-NOM.
Table 89 also shows the I1CNT rolling over to 0 after the
maximum value, which is 211 − 1 = 2047. The host controller
must take this into account when evaluating I1CNT. A simple
way is to check if I1CNT is bigger or equal than N × 8, where N
initially starts at 1, is incremented by 1 every time the check is
true (new conversion) and is reset to 0 every time the current
read I1CNT value is smaller than the previous one.
After starting continuous measurement, set initial values:
INIT
N = 1
I1CNT_OLD = 0
ENDINIT
In the measurement loop, evaluate the dataset read through the
above-described sequence (ReadSequence) and do the
following:
LOOP
ReadSequence()
IF I1CNT < I1CNT_OLD
N = 0
ENDIF
IF I1CNT ≥ N × 8
N = N + 1
// process new conversions read from IxACC
(and VBxACC)
ELSE
// Old conversion was already read
// nothing to do
I1CNT_OLD = I1CNT
ENDIF
ENDLOOP
Note that this example assumes ACCN = 8 and must be
adjusted for different settings of ACCI.
Table 89 assumes that the host activates the continuous current
measurement (on I1ADC or I1ADC and I2ADC) through
ADI1 command at the time t = 0s. The first reading happens
directly afterwards and subsequently every 7 ms. # is the index
of the read sequence.
Table 89. I1CNT and IxACC Update Timing for Minimum, Nominal and Maximum Oscillator Frequency Assuming ACCN = 8
#
t [s]
I1CNT-MIN
I1CNT-NOM
I1CNT-MAX
CntACC-MIN
CntACC-NOM
CntACC-MAX
0
0
0
0
0
0
0
0
1
0.007
5
6
7
0
0
0
2
0.014
12
13
14
1
1
1
3
0.021
18
20
22
2
2
2
4
0.028
24
27
30
3
3
3
5
0.035
31
34
37
3
4
4
6
0.042
37
41
45
4
5
5
...
34
0.238
213
237
261
26
29
32
35
0.245
220
244
268
27
30
33
36
0.252
226
251
276
28
31
34
37
0.259
232
258
284
29
32
35
38
0.266
238
265
292
29
33
36
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com