Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 11Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 12Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 13Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 14Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 15Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 16Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 17Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 18Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 15 of 97
Pin No.
Mnemonic
Type
Description
45, 43
VREF1, VREF2
REF
Primary (VREF1 = 3.2V typ) and Secondary (VREF2 = 3.0V typ) Reference Voltage Outputs. Bypass each pin with a 1 μF (or
greater) capacitor to the PCB ground plane. Avoid common power ground paths between this capacitor's ground
connection and the SGND and RGND pin connections by placement of components and optional slots in the ground
plane. No DC loads are allowed on those pins.
15
VREF1P25
REF
Buffered Reference Voltage Output of 1.25V for driving 10 kΩ Thermistors and Resistor-Dividers. Bypass with a 1 μF
capacitor to the PCB ground plane. Avoid common power ground paths between this capacitor's ground connection and
the SGND pin connection by placement of components and optional slots in the ground plane.
5, 9
S1A, S2A
I
For more details, see the Current Sense Inputs section. Connect to PCB ground plane if current sense functionality is
unused.
3, 4, 7, 8
I1A, I1B, I2A,
I2B
I
Current and Overcurrent Sense Channel 1/2 Differential Signal Inputs (A: positive, B: negative). For more details, see the
Current Sense Inputs section. Connect to the PCB ground plane if current sense functionality is unused.
1, 11
I3A, I3B
I
Overcurrent Sense Channel 3 Differential Signal Inputs (A: positive, B: negative). For more details, see the Current Sense
Inputs section. Connect to the PCB ground plane if current sense functionality is unused.
48, 2, 10, 18,
6, 16
V1, V2, V3, V4,
V5, V6
I
Voltage Sense Inputs. Pins are internally buffered before being applied to V1ADC and V2ADC to ensure high input
impedance and low leakage. Leave floating or connected to the PCB ground plane (preferred) if unused.
12, 14
VBAT1, VBAT2
I
Battery Voltage Sense Inputs. VBAT1 and VBAT2 are internally buffered before being applied to VB1ADC and VB2ADC to
ensure high input impedance and low leakage. The VBxADC's inputs are configurable between either both differentially
VBAT1 to VBAT2 or individual single ended VBAT1 vs. SGND through VB1ADC and VBAT2 vs. SGND through VB2ADC.
Leave floating or connected to the PCB ground plane (preferred) if unused.
17, 13
V7, V8
I
Voltage Sense Inputs. Pins are internally buffered before being applied to V1ADC to ensure high input impedance and
low leakage. Input pins V7, V9 and V8, V10 each can form one redundant input pin-pair. Leave floating or connected to
the PCB ground plane (preferred) if unused.
19, 20
V9, V10
I
Voltage Sense Inputs. Pins are internally buffered before being applied to V2ADC to ensure high input impedance and
low leakage. Input pins V7, V9 and V8, V10 each can form one redundant input pin-pair. Leave floating or connected to
the PCB ground plane (preferred) if unused.
28, 29, 30, 31
GPIO1, GPIO2,
GPIO3, GPIO4
IO
General-Purpose Inputs and Outputs (GPIOs). Pins can be used as digital inputs or digital outputs (open drain). Pins are
high impedance during power down and by default after power up/reset. GPIO3 (SDA) and GPIO4 (SCL) can be used as an
I2C controller port. GPIO1 (SDIM), GPIO2 (CSBM), GPIO3 (SDOM), and GPIO4 (SCKM) can be used as an SPI controller port.
Shared data-in/-out (SDIOM) through GPIO3 only (3-wire SPI, see bit SPI3W in CFGA) is also possible, allowing GPIO1 to be
used for other functions, for example, as a fault Output. Leave floating or connected to the PCB ground plane (preferred) if
unused.
32, 33, 34, 35,
37, 39
GPO1, GPO2,
GPO3, GPO4,
GPO5, GPO6
IO
General-Purpose Outputs (GPOs). It can be configured individually for open-drain and push-pull mode. In push-pull mode,
the pin can be switched to GND or VDD. It can be used as an input when configured in open-drain mode with output
disabled. Dual threshold confirms whether the pin is at high or at low level. Pins are high impedance during power down,
and as default after power up/reset. GPO6 can be configured to a push-pull clock output with frequency 0.1 × OSC1.
Leave the pins floating if unused.
36, 38
OCA, OCB
IO
Overcurrent Alert Push-Pull or Open Drain Outputs A/B with Programmable Polarity and PWM or Static Operation Mode.
State of the pins can be readback (OCAP, OCBP). In push-pull the pins can switch to VREG. Leave floating if unused.
25
ISOMD
I
isoSPI Mode Enable Input. Serial interface mode digital input. Connecting ISOMD to logic high level (VREG) configures
pins SDO, SCK/IPA, CSB/IMA, and SDI for 2-wire isolated SPI (isoSPI) mode. Connecting ISOMD to logic low level (GND)
configures the pins for 4-wire SPI mode.
21
SDO
O
4-Wire SPI Serial-Data Open-Drain Output (SDO) when ISOMD is Connected Low (GND). Pull-up resistor must be
connected externally (see VOL,SDO specification on SDO pin, which limits the minimum pull-up resistance). Connect to the
PCB ground plane when 2-wire isolated SPI mode is configured through ISOMD connected high.
24
SDI
I
4-Wire SPI Serial-Data Input (SDI) when ISOMD is Connected Low (GND). Connect to the PCB ground plane when 2-wire
isolated SPI mode is configured through ISOMD connected high.
26
SCK/IPA
IO
4-Wire SPI Serial-Clock Input (SCK) or Differential Positive Input/Output Port A (IPA). The function of this pin depends on
the connection of ISOMD. When ISOMD is connected low, the SCK function is active. When ISOMD is connected high, the
IPA function is active.
27
CSB/IMA
IO
4-Wire SPI Active Low Chip-Select input (CSB) or Differential Negative Input/Output Port A (IMA). The function of this pin
depends on the connection of ISOMD. When ISOMD is connected low, the CSB function is active. When ISOMD is
connected high, the IMA function is active.
22, 23
IPB, IMB
IO
Differential (IPB: Plus, IMB: Minus) Input/Output Pins of the Isolated 2-wire SPI Port B. When ISOMD is connected to logic
low level (GND), the Port B operates in the controller mode only, and communication can only be initiated on the A-port
and never on the B-port. Termination resistor must be connected externally, or the pins can be connected to the PCB
ground plane if unused.
49
EPAD
N/A
Exposed Pad. Connect exposed pad to GND. The exposed pad is internally connected to GND. It must be connected to the
PCB ground plane through several vias. For more details, see the Current Sense Layout Recommendation and Footprint
Recommendation sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com