Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 84 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 84 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 80Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 81Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 82Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 83Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 84Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 85Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 86Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 87Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 84 of 97
conversion) that can be introduced by system noise or AC loads
on the VREF1P25 pin scale with the inverse ratio of the divider
to a high-voltage measurement error.
Instead, when the voltage is measured differentially across the
low-side resistor Rlow (Vx vs. VREF1P25 or VBAT1 vs. VBAT2,
where VBAT2 is connected to VREF1P25, see Figure 69), the
measurement error of VREF1P25 translates only 1:1 to high-
voltage measurement error.
Figure 70. VBATx Configuration for Bipolar Single-Ended Redundant
Measurement. Note Limitations in Noisy Environments
DIGITAL FILTERING
Table 88 summarizes the options of digital filtering with the
ADBMS2950B. All are finite impulse response filters (FIR). The
&minu;3 dB corner frequencies are given for the digital filter
outputs without (fc,dig) and with (fc,ana) the preceding analog RC
Filters, which are added with typical values to the filter response
figures shown in this chapter. In most cases, both values are
identical because of the digital filter being dominant.
In Table 88, the column Continuous shows whether the ADC
can convert continuously providing back-to-back conversion
results without measurement holes. The IxADCs and
VBxADCs are recommended to operate in this mode, also see
the chapter Continuous Sampling and Coulomb Counting. The
VxADCs and AUX ADC convert on demand only. New
conversions can be triggered after all requested channels are
converted (see Table 58). Previous conversion results can be
read while a new conversion is ongoing, which allows the
implementation of high update rates if required.
Table 88. Overview of Digital FIR filters of ADBMS2950B
ADC
Filter Output Rate
Filter Function
fc,dig
fc,ana
Continuous
OCxADC
16 kHz
1st order Sinc
7.2 kHz
4.5 kHz
Yes
VxADC, AUX ADC
3.8 kHz
1st order Sinc
1.7 kHz
0.11 kHz
Single-shot through ADV, ADX
IxADC, VBxADC
1 kHz
1st order Sinc
0.44 kHz
0.44 kHz
Yes
IxADC, VBxADC
250 Hz
Sum of 4 samples (ACCI = 0)
111 Hz
111 Hz
Yes
IxADC, VBxADC
125 Hz
Sum of 8 samples (ACCI = 1)
55 Hz
55 Hz
Yes
IxADC, VBxADC
83.3 Hz
Sum of 12 samples (ACCI = 2)
37 Hz
37 Hz
Yes
IxADC, VBxADC
62.5 Hz
Sum of 16 samples (ACCI = 3)
28 Hz
28 Hz
Yes
IxADC, VBxADC
50 Hz
Sum of 20 samples (ACCI = 4)
22 Hz
22 Hz
Yes
IxADC, VBxADC
41.7 Hz
Sum of 24 samples (ACCI = 5)
18 Hz
18 Hz
Yes
IxADC, VBxADC
35.7 Hz
Sum of 28 samples (ACCI = 6)
16 Hz
16 Hz
Yes
IxADC, VBxADC
31.2 Hz
Sum of 32 samples (ACCI = 7)
14 Hz
14 Hz
Yes
Only the preamplifiers of the IxADC signal path have a low-
pass characteristic, which is shown as PA in Figure 72 and
Figure 73. Other buffers and preamplifiers have a flat filter
response in the frequency range of interest and are not shown
for this reason. The transfer functions are shown for all
preceding filter blocks connected in series as they appear in the
signal data path. RC is the external analog RC-Filter only, PA
(pre-amplifier) is the PA in series with the external RC and 1 ms
is the external RC in series with the PA in series with the ADC
at an update rate of 1 kHz. In the legend text, the 3 dB corner
frequency is shown inside brackets.
OCxADC Filter Transfer Function
Figure 71 shows the transfer function of the OCxADC signal
path with and without the typical external current sense RC
filter at a continuous conversion rate of 16 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com