Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 76 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 76 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 72Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 73Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 74Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 75Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 76Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 77Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 78Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 79Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 76 of 97
Figure 58. Surface Mounted Shunt Layout Solder Paste
Wired Shunt Interface
In the case of wire-connected remote shunt applications, an
additional external filter and protection components may be
required, as shown in Figure 59 and Figure 60. Common-mode
chokes with the following common mode capacitors, typical
range 1 nF to 10 nF, adjusted for best filtering performance at
required frequencies, are recommended to be placed.
Optionally, TVS devices can be placed at the shunt connector
pins for increased ESD protection. Small value differential
capacitors can be placed between the current sense pin pairs for
additional high frequency filtering. As short as possible, cables
with twisted sense pairs must be used. The cable length should
not exceed 30 cm in typical applications.
Those measures allow for additional filtering of noise injected
into the wires. Whenever possible, it is recommended to solder
the shunt resistor directly to the PCB with minimum signal
trace length between shunt and IC as shown in the Current
Sense Layout Recommendation section.
Failure modes of components placed in parallel to the shunt or
from any shunt sense pin to GND must be considered. Faults
that alter the shunt resistance may not be detectable at small
currents. The integrated open-wire current sources do not
detect shorts after the filter resistors (shown in Figure 59 left to
the RC filters connect to the IC pins). The I1 vs. I2 comparison
diagnostic does not detect a fault at the I3 inputs that alters the
shunt resistance. It can be detected through the OC3
measurements only above a minimum current level.
To avoid this, a minimum resistance between the shunt and the
additional protection and filtering components can be ensured.
In the failure case, the measured battery current is divided
through the shunt resistance (RSHUNT) and the fault resistance
(RFLT). The current through the fault part can be considered
negligible if it is less than 0.01%, this yields a maximum
tolerable fault resistance of:
RFLT ≥ RSHUNT ÷ 0.01%
Assuming a typical shunt resistance of 50 µΩ the RFLT must be
above 0.5 Ω. Discrete external resistors (REXT) can be added
right in front of the connector pins to ensure this minimum
resistance. To make sure that the additional offset error due to
this resistance together with the current sense pin leakage
currents is below 0.1 µV, the maximum REXT is calculated worst
case according:
REXT ≤ 0.05 µV ÷ (1.5 × 3 nA) ≤ 11 Ω
This assumes IxA and SxA both source 3 nA and IxB sinks
3 nA, or on an average the current through REXT is 1.5 times the
worst-case leakage current. In reality, this is very unexpected to
happen, but as the maximum resistance is well above the
minimum requirement, it provides a comfortable choice of
possible resistor values, for example, standard 3.3 or 4.7 Ω make
a good choice with enough headroom to both limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com