Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 30 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 30 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 26Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 27Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 28Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 29Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 30Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 31Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 32Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 33Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 30 of 97
REFUP State
In the REFUP state, the host can communicate to the IC
through SPI or isoSPI. When VDD is above 11V, the DRIVE pin
is driven to ~5.7V. The oscillators, references, and UV/OV
supply monitors are operating in their specified range. The
OCxADC are set into operation if OCEN of CFGA register (see
Table 69) is 1. Any transition of OCEN from 0 to 1 also latches
the overcurrent configuration settings into the respective
internal registers that control the overcurrent detection. For
details, see the Overcurrent Configuration Update section.
By successfully receiving any ADC command (ADI1, ADI2,
ADV, and ADX), the IC enters the MEASURE State. Entering
the MEASURE state after power-up starts the ADC
initialization procedure (see Initialization Cycle section).
MEASURE State
The ADBMS2950B enters the MEASURE state after receiving at
least one ADI1, ADI2, ADV, or ADX command from within
REFUP State, and remains in the MEASURE state until power is
removed or the SRST command is sent.
In the MEASURE state, the host can communicate with the IC
and the oscillators, references and UV/OV supply monitors are
operating within their specified range. As in REFUP State, the
OCxADC are set into operation if OCEN of CFGA register (see
Table 69) is set to 1.
Several ADCs can be active in parallel and can be triggered
repeatedly and/or operated continuously. Valid IxADC
conversion results are available once the ADC initialization
phase has completed, which is indicated by I1CAL and I2CAL
of STAT register (see Table 75) being set to 1.
ISOSPI STATES
The ADBMS2950B has two isoSPI ports for daisy-chain
communication: Port A and Port B.
READY State
The isoSPI interface is in the READY state whenever the core
state machine is either in the STANDBY, REFUP, or MEASURE
state, and there is no activity on the interface. In the READY
state, the isoSPI port(s) are ready for communication. There is
no need to wake up the isoSPI interface. Upon transmitting or
receiving data, the isoSPI interface moves to the ACTIVE state.
ACTIVE State
In the ACTIVE state, the ADBMS2950B is transmitting and/or
receiving data using one or both isoSPI ports. The serial
interface consumes maximum power in this state. The supply
current increases with clock frequency and communication
duty cycle as the density of isoSPI pulses increases and is higher
for read commands because of additional isoSPI return pulses
that are not generated for write commands.
Figure 28. isoSPI Interface State Diagram
POWER CONSUMPTION
The ADBMS2950B is powered by VDD and VREG. The VDD input
supplies the DRIVE output and the GPO high side switches. All
other circuitry is powered by VREG. The VDD pin current
depends on the load on DRIVE and GPO. The VREG pin current
depends on the core state, operation of the ADCs, isoSPI state
and the load on the VREF1P25, OCA and OCB pins. It can be
calculated as follows:
IREG = IREG(CORE,ADC) + IREG(isoSPI) + IREG(VREF1P25) + IREG(OCx)
where:
IREG(CORE,ADC) is the core and ADC supply current, as specified for
the REFUP (OCEN = 0), REFUP (OCEN = 1) and MEASURE
state in Table 12.
IREG(VREF1P25) is the VREF1P25 pin sourcing current.
IREG(OCx) is the sum of the OCA and OCB pin sourcing currents.
The isoSPI supply current IREG(isoSPI) contributes significantly to
the overall VREG current consumption and can be calculated as
follows:
IREG(isoSPI) = DisoSPI × ( RWR × IREG(isoSPI,WR) + (1 − RWR) × IREG(isoSPI,RD))
+ (1 − DisoSPI) × IREG(isoSPI,RDY)
where:
DisoSPI is the isoSPI communication duty cycle.
RWR is the ratio of write commands vs. all commands. The ratio
of read commands is (1 − RWR).
IREG(isoSPI,WR) is the isoSPI active write current (see Table 12,
ISOMD = 1, ACTIVE WRITE).
IREG(isoSPI,RD) is the isoSPI active read current (see Table 12,
ISOMD = 1, ACTIVE READ).
IREG(isoSPI,RDY) is the isoSPI ready current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com