Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 55 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 55 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 51Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 52Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 53Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 54Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 55Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 56Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 57Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 58Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 55 of 97
Name
Type
Reset
Value
Description
1
Detected unexpected readback from OCB output while OCEN = 1.
OCMM
RW1C
1
OC Configuration Mismatch Latch.
0
No internal mismatch detected.
1
Mismatch in redundant shadow copies of OCEN, OCTSEL, or OCDGT detected.
I1PHA
RO, FRZ
00
2-bit I1ADC/VB1ADC Phase Counter with four increments per sample.
Resets with ADI1 commands. Rolls over.
I1CNT
RO, FRZ
0x000
11-bit I1ADC/VB1ADC Conversion Counter, when in continuous mode. Resets with ADI1 commands. Rolls over. I1CNT and
I1PHA can be treated as a single counter I1CNTPHA[12:0] = [I1CNT, I1PHA].
I2CNT
RO, FRZ
000
3-bit I2ADC/VB2ADC Conversion Counter, when in continuous mode.
Resets with ADI1 while RD = 1 and ADI2 commands. Rolls over.
SED1
RW1C
1
NVM1 1-bit ECC Latch.
0
No error detected in NVM1 and shadow registers.
1
Single bit error detected and autocorrected in NVM1 shadow registers.
SED2
RW1C
1
NVM2 1-bit ECC Latch.
0
No error detected in NVM2 and shadow registers.
1
Single bit error detected and autocorrected in NVM2 shadow registers.
MED1
RW1C
1
NVM1 multi-bit ECC Latch.
0
No uncorrectable error detected in NVM1 and shadow registers.
1
Uncorrectable multi-bit error detected in NVM1 or shadow registers.
MED2
RW1C
1
NVM2 multi-bit ECC Latch.
0
No uncorrectable error detected in NVM2 and shadow registers.
1
Uncorrectable multi-bit error detected in NVM2 or shadow registers.
VREGUV
RW1C
1
VREG Undervoltage Latch.
0
No undervoltage detected on VREG supply.
1
Undervoltage event on VREG supply detected.
VREGOV
RW1C
1
VREG Overvoltage Latch.
0
No overvoltage detected on internal VREG supply.
1
Overvoltage event on internal VREG supply detected.
VDDUV
RW1C
1
VDD Undervoltage Latch.
0
No undervoltage detected on VDD supply.
1
Undervoltage event on VDD supply detected.
VDRUV
RW1C
1
Drive Undervoltage Latch (VDD supply for DRIVE output).
0
No DRIVE undervoltage detected on VDD supply.
1
DRIVE undervoltage event on VDD supply detected.
VDIGUV
RW1C
1
VDIG Undervoltage Latch.
0
No undervoltage detected on internal VDIG supply.
1
Undervoltage event on internal VDIG supply detected.
VDIGOV
RW1C
1
VDIG Overvoltage Latch.
0
No overvoltage detected on internal VDIG supply.
1
Overvoltage event on internal VDIG supply detected.
VDE
RW1C
1
Voltage Domain Event Latch.
0
No mismatch on internal supply domains detected.
1
Mismatch on internal VREG or GND domains detected.
VDEL
RW1C
1
Voltage Domain Diagnostic Latch. See INJMON bit field.
0
Not all domain comparators report mismatch.
1
All VREG and GND domain comparators report mismatch.
OSCFLT
RW1C
1
Oscillator Frequency Fault Latch.
0
No OSC1 vs. OSC2 frequency comparison fault detected.
1
OSC1 vs. OSC2 frequency comparison fault detected.
NOCLK
RW1C
1
No Clock Fault Latch.
0
No OSC1 stuck event detected.
1
OSC1 stuck event detected.
SPIFLT
RW1C
1
SPI Read Fault Latch.
0
No SPI SDO mismatch detected.
1
SPI SDO mismatch detected.
TMODE
RW1C
1
Test mode Indicator Latch.
0
No activation of factory test mode detected.
1
Activation of factory test mode detected.
RESET
RW1C
1
Reset Indicator Latch.
0
No reset event detected since last clear.
1
Reset event detected since last clear.
THSD
RW1C
0 1
Thermal Shutdown Indicator Latch.
0
No thermal shutdown detected.
1
Thermal shutdown detected, not cleared by SRST, see note1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com