Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 54 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 54 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 50Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 51Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 52Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 53Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 54Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 55Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 56Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 57Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 54 of 97
Name
Type
Reset
Value
Description
0
GPIO2 controlled by GPIO2C or COMM register.
1
GPIO2 toggles on end of conversion of OC1ADC.
The VDIV measurement follows the nominal value of VREF1
(which varies between different ICs) according to the specified
VREF1 to VDIV ratio listed in the Table 7.
The FLAG register stores fault and status information and is
read by the RDFLAG command. The CLRFLAG command is
used to reset individual bits in the FLAG register. The data sent
with the CLRFLAG command defines the flag bits to be cleared
(1) and the bits that are not altered (0).
Table 73. FLAG Register Map
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
RESERVED
VDRUV
OCMM2
OC3L
OCAGD/CLRM2
OCAL
OC1L
1
RESERVED
VDDUV2
NOCLK2
REFFLT2
OCBGD2
OCBL
OC2L
2
I2CNT[2:0]1
I1CNT[10:6]1
3
I1CNT[5:0]1
I1PHA[1:0]1
4
VREGOV2
VREGUV2
VDIGOV2
VDIGUV2
SED1
MED12
SED2
MED22
5
VDEL
VDE2
0
SPIFLT
RESET3
THSD3, 4
TMODE2
OSCFLT2
Notes:
1
Bits are read-only and are not controlled by the CLRFLAG
command.
2
Bits contribute to FAULT output on OCA, OCB and, if
GPIO1FE is set, also on GPIO1. If any of those bits is set, the
output pins are set to the fault state.
3
Related events cause OCA, OCB, GPIOx, and GPOx to enter
the high-impedance mode.
4
Not cleared by SRST.
For best independence, the overcurrent-related bits are not
perfectly synchronized with each other and are subject to
slightly different propagation delays. Not all bits in the FLAG
register indicate faults. Fault bits are sticky. They need to be
cleared with the CLRFLAG command after the pending fault
condition has been removed.
Table 74. FLAG Bit Description
Name
Type
Reset
Value
Description
OC1L
RW1C,
FRZ
1
OC1ADC Overcurrent Latch.
0
No OC1 threshold event passed deglitching.
1
OC1 threshold event detected and passed deglitching.
OC2L
RW1C,
FRZ
1
OC2ADC Overcurrent Latch.
0
No OC2 threshold event passed deglitching.
1
OC2 threshold event detected and passed deglitching.
OC3L
RW1C,
FRZ
1
OC3ADC Overcurrent Latch.
0
No OC3 threshold event passed deglitching.
1
OC3 threshold event detected and passed deglitching.
REFFLT
RW1C,
FRZ
1
OC Fault Latch.
0
No OC Fault.
1
OC Fault.
OCAL
RW1C,
FRZ
1
Majority Voter A Overcurrent Latch.
0
No OC event passed majority Voter A.
1
OC event detected that passed majority Voter A.
OCBL
RW1C,
FRZ
1
Majority Voter B Overcurrent Latch.
0
No OC event passed majority Voter B.
1
OC event detected that passed majority Voter B.
OCAGD/CLRM
RW1C,
FRZ
1
OCA Gate/Drain Mismatch Latch. Clear OC3 Min/Max.
0
OCA output reads back as expected.
1
Detected unexpected readback from OCA output while OCEN = 1.
Clear operation also clears OC3MIN and OC3MAX registers.
OCBGD
RW1C,
FRZ
1
OCB Gate/Drain Mismatch Latch.
0
OCB output reads back as expected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com