Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 92 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 92 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 88Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 89Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 90Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 91Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 92Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 93Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 94Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 95Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 92 of 97
possible to calculate a moving average for all channels in the
described fashion. Note that, at higher frequencies, the filter
response is limited by the RC filter and the response of the
VxADC due to its non-continuous operation.
Figure 81. VxADC with Average Filter Transfer Function
CONTINUOUS SAMPLING AND COULOMB
COUNTING
The precise current measurement ADCs of the ADBMS2950B
can be used to perform coulomb counting, which is often used
to calculate the state-of-charge of the battery. To measure the
charge that is flowing into or out of the battery precisely, a user
requires:
•
Lossless and continuous sampling of the current sense
input.
•
Equal sample weighting and true average
measurement.
•
Precise time measurement to integrate the current
measurements into charge.
The ADBMS2950B provides all functionalities to fulfill those
requirements. The first order delta-sigma ADCs have an over-
sampling rate of 4.1 MHz, can run continuously on the current
(and VBAT) channels, and weigh all samples equally providing
the exact average of the input signal over the conversion
window, which is either 1 ms (Ix registers) or ACCN × 1 ms
(IxACC registers – also see ACCI configuration).
The host controller can decide to either read the Ix or the
IxACC registers continuously depending on the current
measurement period requirement.
In both cases, there is no loss of sampling time (no holes) on the
inputs. The host controller can synchronize to the continuously
updated conversion result registers by reading the conversion
(phase) counter I1CNT, I1PHA.
The I1CNT register increments by one with every 1 ms
conversion result. Assuming an ACCN setting of 8 (ACCI = 1),
with the 8th of those 1 ms conversion results, the accumulated
registers (IxACC) are updated with the sum of 8 conversions.
Consequently, this happens every time the I1CNT value reports
a multiple of 8.
The conversion phase counter I1PHA provides additional
resolution by adding 4 sub-counts per I1CNT count. If the
I1CNT, I1PHA counters are treated as a single counter
(I1CNTPHA[12:0]), the 1 ms conversion results are updated
every time the host reads 0, 4, 8, 12, …. and the 8 ms
accumulated conversion results (assuming ACCI = 1) are
updated every time the host reads 0, 32, 64, 96, … For any value
in between, the conversion result register is not updated, giving
the host enough time to read the results. The snap and unsnap
commands ensure coherent reading of the I1CNTPHA and Ix
(or IxACC) registers retrieved via separate read commands.
Lossless Continuous Conversion Reading
This chapter shows a procedure to read every 8 ms accumulated
conversion (IxACC update rate for ACCN = 8) without missing
any result. Not to miss any conversion, the host must read at a
period that is shorter than the shortest possible update rate of
the IxACC registers, which occurs at the maximum specified IC
oscillator frequency. The oscillator frequency of the
ADBMS2950B is specified to be within ±10% over the full-
operating temperature range. Consequently, the host must read
every 7.2 ms or faster (the IxACC registers are updated
nominally every 8 ms for ACCN = 8).
Table 89 shows the timings of the I1CNT and number of
IxACC conversions (CntACC) acquired, assuming a host reads
every 7 ms. The values I1CNT and CntACC are shown for a
device running at minimum (MIN), nominal (NOM), and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com