Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 47 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 47 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 43Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 44Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 45Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 46Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 47Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 48Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 49Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 50Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 47 of 97
overcurrent detection is activated and changes to the respective
bit fields in the CFGB register do not affect the overcurrent
engine. New configurations in CFGB are activated only with the
next 0-to-1 transition on the OCEN bit.
When deactivating the overcurrent functionality through
changing OCEN from 1 to 0, the overcurrent engine does not
disable immediately. Instead, the deactivation only takes effect
once the ongoing OCxADC conversions finish and the
dependent registers (OCxR) and flags (OC1 to OC3L, OCAL,
and OCBL) are updated. This leads to a minimum wait time
requirement between the WRCFGA clearing the OCEN and
any subsequent command that reads (RDFLAG), freezes
(SNAP) or clears (CLRFLAG) the overcurrent alert flags or
reactivates the overcurrent engine (WRCFGA with OCEN = 1).
The required wait time between WRCFGA with OCEN = 0 and
WRCFGA with OCEN = 1 or CLRFLAG can be expressed as
follows:
tOCEN,DLY1 > max(tOCxADC) − t5 − (32 + N × 64) × tCLK
Where max(tOCxADC) is the maximum OCxADC conversion
time, t5 is the minimum CS idle time, N is the number of
devices written in the daisy-chain, and tCLK is the clock period of
the (iso)SPI interface. If positive, the host must wait this time. If
negative, no wait time is required as the length of the second
WRCFGA or the CLRFLAG command ensures already a
minimum time after OCEN clears.
The required wait time between WRCFGA with OCEN = 0 and
RDFLAG or SNAP can be expressed as follows:
tOCEN,DLY2 > max(tOCxADC) − t5 − 16 × tCLK
The wait time tOCEN,DLY2 is easily respected by proper command
sequencing that avoids RDFLAG or SNAP directly after the
WRCFGA.
The wait time tOCEN,DLY1 is typically required in the sequences for
the Overcurrent Configuration Update and the Crash Signal
Management.
Overcurrent Configuration Update
The overcurrent detection is activated while the OCEN bit is
set. To dynamically update the configuration from this state, at
least three write commands are required:
1. Send WRCFGB command with new configuration.
2. Send WRCFGA command with OCEN = 0.
3. Wait for tOCEN,DLY1 (no wait if tOCEN,DLY1 ≤ 0).
4. Send WRCFGA command with OCEN = 1.
Note:
•
While it is recommended to minimize the time in
which the overcurrent detection is inactive, the OCEN
must be disabled for at least one OCxADC conversion
time (tOCxADC), which is ensured by the wait time
tOCEN,DLY1.
•
It is recommended to set the bit OCDP in step 1 for
the reduced interval of 3 OCxADC conversion cycles
during which the OCx pins have high impedance.
•
The deglitchers are reset at step 4. In case an
overcurrent condition is present already before the
reconfiguration but not yet long enough to ignite the
pyrofuse, this leads to an increased latency equal to
one deglitching time window.
The successful update of the new settings can be verified by
issuing a RDFLAG command after the three-write-sequence,
validate the command counter (CC) incremented by 3.
Crash Signal Management
In case of a vehicle crash, it is typically required to do an
emergency disconnect of the HV battery from the vehicle's HV
network through firing the pyrofuse(s).
The BMS controller can command the ADBMS2950B devices
to activate the OCA and OCB outputs by setting the thresholds
of all three overcurrent ADCs to zero, or by inverting the OCA
and OCB outputs through OCAX, OCBX, and setting the
thresholds of all three overcurrent ADCs to the maximum. The
deglitch setting OCDGT must be set to the minimum value and
the OCDP must be activated for minimum latency (reduced
interval) between the rising edge of OCEN and the assertion of
the OCA, OCB output pins.
As described in the section Overcurrent Configuration Update,
three write commands are required to trigger the ignition from
the overcurrent function active state (OCEN = 1):
1. Send WRCFGB command to modify the OCxTH,
OCAX, OCBX, OCDGT, and OCDP bits as required.
2. Send WRCFGA command to clear OCEN bit. This
disables the overcurrent function and OCA, OCB pin
output drivers shortly.
3. Wait for tOCEN,DLY1 (no wait if tOCEN,DLY1 ≤ 0).
4. Send WRCFGA command to set the OCEN bit again.
When the ADSBM2950 derivative is configured in isoSPI mode
and the isoSPI is implemented in a redundant ring topology, the
device responds to commands irrespective of whether they are
received through isoSPI Port A or Port B. This allows the BMS
controller to send the above sequence redundantly to Port A
and Port B, thereby reducing he potential risk of command loss.
Successful OCx assertion can be confirmed through reading
back the OCAL and OCBL latch bits.
Most applications can also measure the voltage at the pyrofuse
output directly to verify the successful ignition.
Note that whenever OCEN is cleared, the OCx pins have a high
impedance state, which allows the pin state to be defined
through external pull-up or pull-down resistors. Figure 40
shows the expected timing of the OCx assertion for the PWM1
mode with OCAX = 0, OCBX = 0, COD = 0, OCDGT = 0,
OCDP = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com