Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 46 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 46 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 42Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 43Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 44Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 45Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 46Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 47Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 48Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 49Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 46 of 97
PWM2 Overcurrent Output Mode
The PWM2 mode is optimized for communicating the
overcurrent condition to an external microcontroller, which
features a timer or Capture-Compare Unit (CAPCOM). It
provides more detailed information than the PWM1 Mode. The
microcontroller is informed whether one, two, or all the three
OCxADCs report an overcurrent event. The microcontroller is
also made aware of whether any of the overcurrent channels
reports an overcurrent while diagnostics are performed or while
faults are pending.
A duty cycle of 50% indicates a healthy device and no
overcurrent. Greater duty cycles indicate the overcurrent
detection. Lower duty cycles indicate pending faults or ongoing
diagnostics. Table 61 shows all duty-cycle encodings. The
microcontroller can further deglitch events for more
conservative ignition because the overcurrent events are not
latched inside the IC.
When an overcurrent event, a fault or a diagnostic case is
detected, the ongoing PWM period completes, and the new
duty cycle is applied from the next period onwards.
Table 61. PWM2 Overcurrent Output Mode Duty-Cycle Coding for OCAX = 0, OCBX = 0
Duty Cycle
Description
0% - High-Z
OCx pins in high impedance state after reset and whenever OCEN = 0.
12.5%
Detection of any SPF, which is a DFI for OC1-2-3 and not executing diagnostic (for OC).
25%
Executing diagnostic (for OC).
37.5%
Detection of any SPF, which is a DFI for OC1-2-3 and when executing diagnostic (for OC).
50%
No fault, no diagnostic, no overcurrent.
62.5%
1 OCxADC threshold violation is occurring.
75%
2 OCxADC threshold violations are occurring.
87.5%
3 OCxADC threshold violations are occurring.
Overcurrent Threshold Considerations
The overcurrent ADCs (OCxADC) convert the average input
signal over the conversion window length, which is about 62 µs.
This equals the integral of the input signal waveform over the
conversion window. As a result, short pulses higher than the
threshold setting can result in an offending or a non-offending
threshold comparison, which depends on the area of the
waveform.
Figure 38. Example of Offending Overcurrent Threshold Case
Figure 38 shows an example of an offending condition. The
input signal has a baseline of 90 mV with a pulse of 200 mVpp
that lasts 10% of the conversion window. Effectively, the average
signal becomes 0.9 × 90 mV + 0.1 × 200 mV resulting in
101 mV, which is above the programmed threshold of 100 mV
shown by the OCxTH line in Figure 38.
Figure 39. Example of Non-Offending Overcurrent Threshold Case
Figure 39 shows an example of a non-offending condition. The
input signal has a baseline of 100 mV with two 0 mV low pulses
that last 6.5% of the conversion window each. Effectively, the
average signal becomes 0.87 × 100 mV + 0.13 × 0 mV resulting
in 87 mV, which is below the programmed threshold of 90 mV
indicated by the OCxTH line in the figure. The external RC
filter further averages out signal peaks before they are sensed by
the input pins, helping to deglitch noise or short spikes at the
inputs.
Controlling the Overcurrent Detection
To prevent an unintended activation of the OCA and OCB pins,
the overcurrent configuration bits OC1TH to OC3TH,
OCDGT, OCMODE, OCAX, OCBX, OCDP, OCOD, and
OC1GC to OC3GC are latched with the rising edge of OCEN
(transition of the bit from 0 to 1). Once the OCEN bit is set, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com