Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 58 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 58 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 54Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 55Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 56Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 57Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 58Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 59Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 60Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 61Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 58 of 97
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
9
OCTSEL
0
0
OCDP
0
OCDGT
10
OCBX
OCAX
OCMODE
OC3GC
OC2GC
OC1GC
OCOD
11
GPIO4C
GPIO3C
GPIO2C
GPIO1C
GPIO2EOC
DIAGSEL
12
GPO6H
GPO5H
GPO4H
GPO3H
GPO2H
GPO1H
GPO6L
GPO5L
13
GPO4L
GPO3L
GPO2L
GPO1L
GPIO4L
GPIO3L
GPIO2L
GPIO1L
14
RESERVED
VDRUV
OCMM
OC3L
OCAGD
OCAL
OC1L
15
RESERVED
VDDUV
NOCLK
REFFLT
OCBGD
OCBL
OC2L
16
I2CNT2:0
I1CNT10:6
17
I1CNT5:0
I1PHA[1:0]
18
VREGOV
VREGUV
VDIGOV
VDIGUV
SED1
MED1
SED2
MED2
19
VDEL
VDE
0
SPIFLT
RESET
THSD1
TMODE
OSCFLT
Note:
1
The thermal shutdown indicator bit THSD is not cleared by
the SRST command, but only after a power-on-reset or through
the CLRFLAG command.
Soft Reset Command
The Soft Reset command (SRST) quickly resets all state
machines and memory registers and initializes all the devices in
the daisy-chain. The Soft Reset command only needs enough
time to propagate up the stack to the next device, after which
the device initializes. After tWAKE, all the ADBMS2950B devices
enter the STANDBY state and are ready to receive new
commands. From the STANDBY state, they automatically
transition to the REFUP state (for more details, see the Core
State Description section).
The host controller must keep log when setting the INJTS bit
for requesting the THSD bit to be asserted. After successfully
reading THSD, the INJTS bit must be cleared via WRCFGA and
the THSD bit must be cleared through CLRFLAG. If a SRST is
issued before clearing THSD, the FLAG register reports RESET
and THSD bits being set, same as if there is a thermal
shutdown. Setting INJTS requests the THSD to be asserted, but
by itself does not trigger an internal reset.
Serial ID
Each ADBMS2950B is programmed at the factory with a
unique 48-bit serial identification code (SID) as a part of the
internal non-volatile memory NVM1. After power-up or reset,
the non-volatile memories are read, and the SID is stored into a
volatile register that can be read through the RDSID command.
Because of the non-redundant implementation, faults in the
SID register cannot be detected.
Snapshot Commands
To enable reading of coherent data from one ADBMS2950B or
several devices in a daisy-chain, the snap command allows
freezing of the continuously updated result registers. After
sending the snap command, the host can read them at
convenience before releasing the freeze by an unsnap
command.
During the freeze, the ADCs continue to measure. Conversions
are accumulated internally to provide IxACC, VBxACC results
together with the latest Ix, VBx results once the unsnap
command is sent. Sending an additional snap command while
the result registers are already frozen does not take a new
snapshot. To trigger a new register update while registers are
frozen, the host must send a sequence of two commands:
unsnap and snap. The CFGA register SNAPST bit indicates the
freeze status.
Upon reception of a snap or unsnap command, the command
counter is incremented. Registers and bits that are subject to the
snap protocol are marked with FRZ in the Type column of the
register and bit descriptions (for example, see the I1, I2, VB1,
VB2, I1CNT, I2CNT, and I1PHA registers).
GENERAL-PURPOSE IO PINS
The ADBMS2950B features six GPO pins to fulfill the following
functions:
•
General-purpose static output signals.
•
Control of external high-voltage switches, for example,
MOSFETs, to reduce leakage in high-voltage resistive
dividers when measurement is not needed or to
control the isolation measurement sequences as
shown in the Typical Application section.
•
Control of start-up self-test sequences of external
circuitry.
•
Additional chip-selects where more than one SPI
peripheral must be controlled through the COMM
interface.
The GPOs provide the following features:
•
Set the output state (GPO1C to GPO6C).
•
Configurable open-drain mode or push-pull mode, up
to VDD voltage (GPO1OD to GPO6OD).
•
Dual-threshold readback (GPO1H to GPO6H and
GPO1L to GPO6L).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com