Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 1 Page - Analog Devices

  ADBMS2950BCCSZ Datasheet HTML 1Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 2Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 3Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 4Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 5Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 6Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 7Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 8Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
Battery Pack Monitor
Data Sheet
ADBMS2950B
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochange withoutnotice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One
Analog
Way,
Wilmington,
MA
01887-2356,
U.S.A.
Tel: 781.935.5565
©2024 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Battery pack current measurement
Buffered analog inputs
Continuous operation option
Lossless measurement for coulomb counting
1 ms update rate
±0.1% maximum gain error
±1 µV maximum offset
Redundant implementation
Battery pack voltage measurement
Buffered analog inputs
Synchronous with current measurement
Differential and single-ended mode
Redundant implementation
10 additional voltage measurement channels
Buffered analog inputs
On-demand operation
Differential and single-ended mode
Redundant implementation
Overcurrent detection
Triple redundancy with majority voting
PWM output options
Built-in isoSPI™ interface
2 Mbps isolated serial communications
Capacitor or transformer coupled
Daisy-chaining option
4-wire SPI option
General-purpose digital IO
Six general-purpose outputs (GPOs)
Dual threshold read-back of GPOs
Four GPIOs configurable as an I2C or SPI controller
48-Lead side-solderable QFN package
APPLICATIONS
Backup battery systems
Grid energy storage
GENERAL DESCRIPTION
The ADBMS2950B is a battery pack monitor for current or
voltage sense applications. It measures the current flowing in
and out of a battery pack by sensing the voltage drop over a
shunt resistor with a very low offset.
The ADBMS2950B also detects overcurrent conditions using
fast overcurrent analog-to-digital converters (ADCs) with
digital threshold comparators and communicate their results
through dedicated overcurrent alert lines with minimum delay.
It features a total of 12 internally buffered high impedance
inputs for measuring voltages from external sensors or resistor-
dividers, enabling measurement of pack voltages, temperatures,
HV-Link voltages, chassis isolation, and the supervision of the
state of contactors and fuses.
Six digital outputs (GPOs) supporting open-drain or push-pull
can be used to control high voltage transistors to disconnect
external resistor-dividers. Four digital general-purpose
inputs/outputs (GPIOs) also allow operation as an I2C or SPI
controller interface to address an external electronically erasable
programmable read‐only memory (EEPROM) or other serial
peripherals.
The built-in serial interface of the ADBMS2950B can be
configured for SPI or isolated isoSPI communication to the
host. An additional isoSPI port allows to connect a daisy-chain
of the ADBMS2950B devices, which is optionally extended with
the ADBMS6830B cell monitor.
Table 1. ADBMS2950B Features Overview
Feature
ADBMS2950B
isoSPI Ports
2
SPI
1
Current Channels
2
Overcurrent Channels
3
Pack Voltage Channels
2
HV Voltage Channels
10
GPOs
6
GPIOs
4


Similar Part No. - ADBMS2950BCCSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADBMS2950 AD-ADBMS2950 Datasheet
231Kb / 2P
Battery Pack Monitors
Rev. SpA
More results

Similar Description - ADBMS2950BCCSZ

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PS700 MICROCHIP-PS700 Datasheet
537Kb / 38P
Battery Monitor
2004
logo
Maxim Integrated Produc...
MAX11080 MAXIM-MAX11080 Datasheet
254Kb / 27P
12-Channel, High-Voltage Battery-Pack Fault Monitor
Rev 0; 5/09
logo
Intersil Corporation
ISL94203 INTERSIL-ISL94203 Datasheet
1Mb / 64P
3-to-8 Cell Li-ion Battery Pack Monitor
December 5, 2012
ISL94203IRTZ INTERSIL-ISL94203IRTZ Datasheet
1Mb / 63P
3-to-8 Cell Li-ion Battery Pack Monitor
August 17, 2015
logo
Renesas Technology Corp
ISL94203 RENESAS-ISL94203 Datasheet
2Mb / 64P
3-to-8 Cell Li-ion Battery Pack Monitor
logo
Maxim Integrated Produc...
DS2703 MAXIM-DS2703 Datasheet
375Kb / 20P
SHA-1 Battery Pack SHA-1 Battery Pack
REV: 061307
logo
Beckhoff Automation Gmb...
C9900-U330 BECKHOFF-C9900-U330 Datasheet
105Kb / 2P
Battery pack
C9900-U332-0010 BECKHOFF-C9900-U332-0010 Datasheet
103Kb / 2P
Battery pack
logo
Pepperl+Fuchs Inc.
EX-BPS02 PF-EX-BPS02 Datasheet
1Mb / 1P
Battery pack
logo
Renesas Technology Corp
ISL94202 RENESAS-ISL94202_V01 Datasheet
1Mb / 153P
Standalone 3 to 8 Cell Li-Ion Battery Pack Monitor
Oct.14.19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com