Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 3Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 4Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 5Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 6Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 7Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 8Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 9Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 10Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 7 of 97
VOLTAGE REFERENCE SPECIFICATIONS
Operating junction temperature (TJ) = −40°C to +125°C, VDD = 12V, VREG = 5.0V, ISOMD pin is connected low, unless otherwise noted.
Table 7. VREF1, VREF2, and VREF1P25 Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VREF1P25
Nominal Voltage
1.2
1.25
1.3
V
VREF1P25 Pin, load ±3 mA
Temperature Coefficient
10
ppm/°C
VREF1P25 Pin, no load
Thermal Hysteresis
100
ppm
VREF1P25 Pin, no load
Long-Term Drift
60
ppm/√khr
VREF1P25 Pin, no load
Load Regulation
−1 mA < ILOAD < 1 mA
−5
+5
mV
−3 mA < ILOAD < 3 mA
−15
+15
mV
VREF1
Nominal Voltage1
3.05
3.2
3.3
V
VREF1 Pin, no load
Temperature Coefficient
3
ppm/°C
VREF1 Pin, no load
Thermal Hysteresis
20
ppm
VREF1 Pin, no load
Long-Term Drift
20
ppm/√khr
VREF1 Pin, no load
VREF2
Nominal Voltage2
2.975
3
3.03
V
VREF2 Pin, no load
Temperature Coefficient
10
ppm/°C
VREF2 Pin, no load
Long-Term Drift3
±0.2
%
VREF2 Pin, no load
Temperature and Long-Term Drift4
±0.3
%
VDIV
VREF1 : VDIV Ratio
27 : 1
1
The VREF1 voltage is very stable across operating conditions, but its nominal value may vary between different ICs. The VREF1 nominal voltage specification shows the
guaranteed minimum and maximum values over different ICs. The variation in VREF1 nominal voltage does not affect the LSB size of the ADCs that use VREF1 as their
reference. For a single IC, all further variation of VREF1 (such as due to drift over temperature, reflow soldering, lifetime, and thermal hysteresis) is included in the TME
and gain error specifications of the ADCs. The VREF1 specifications are for informational purposes only and do not need to be considered in the system design
process.
2
The VREF2 voltage is stable across operating conditions, but its nominal value may vary between different ICs. The VREF2 nominal voltage specification shows the
guaranteed minimum and maximum values over different ICs. The OCxADCs use VREF2 as their reference, but the nominal voltage variation of VREF2 does not affect
the OCxADC LSB size. For a single IC, all further variation of VREF2 (such as due to drift over temperature, reflow soldering, lifetime, and thermal hysteresis) is included
in the TME and gain error specifications of the OCxADCs.
3
The VREF2 long-term drift includes variation of VREF2 due to, for example, reflow soldering, lifetime, and thermal hysteresis.
4
This specification covers all variation in VREF2 over temperature and lifetime.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com