Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 45 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 45 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 41Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 42Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 43Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 44Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 45Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 46Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 47Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 48Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 45 of 97
In both the PWM modes, the OCA and OCB pins output a
non-latched version of the majority decision. When the
overcurrent condition disappears at the input of the device, it
also disappears again at the output, after a latency depending on
the OCDGT setting. However, when configured in static mode,
the OCA and OCB pins output the state of the OCAL and
OCBL latches. One needs to manually clear the latched OCAL
and OCBL bits with the CLRFLAG command to de-assert the
static outputs.
Static Overcurrent Output Mode
In the static overcurrent output mode, the OCA and OCB pins
are either static de-asserted, in case of no overcurrent, or static
asserted and latched in case of an overcurrent event that passed
the deglitch filter.
PWM Overcurrent Output Modes
The two PWM overcurrent output modes, with the coding as
shown in Figure 37, can be selected through OCMODE. The
frequency of the PWM is equal to the conversion rate of the
OCxADC which is 16 kHz. All the ADCs operate from the
same global clock with tolerance of 10%. Therefore, the ADC
conversion rates and the PWM frequency have the same
tolerance. The duty cycle is clock accurate and only varies with
the signal slew rate and threshold on the receiver side. The duty
cycle steps (12.5% for PWM1 and 25% for PWM2) give enough
headroom for such variations.
Figure 37. PWM1 and PWM2 Coding
PWM1 Overcurrent Output Mode
The PWM1 mode is optimized for the direct communication of
overcurrent events to pyrofuse ignition hardware. The latter is
assumed to be designed in such a way that it triggers the
pyrofuse ignition only if two or more PWM output periods
have a 75% duty cycle. The OCA and OCB pins output a 75%
duty cycle when the majority voters assert overcurrent while
neither a fault nor a diagnostic cycle is pending in the device.
When there is no overcurrent, the OCA and OCB pins output a
25% duty cycle. While diagnostics are ongoing or faults are
pending, the OCA and OCB pins output a 0% duty cycle. This
can trigger an external timeout detector.
The given duty cycles are for the non-inverted output selected
by OCAX = 0, OCBX = 0. When these bits are set to 1 instead,
the duty cycle of the respective outputs are essentially inverted,
leading to (100% − non-inverted duty cycle) 75% is changed to
25% and 0% is changed to 100%.
To prevent unintended ignition because of a fault that causes
the OSC1 clock to stop during the active time of the duty cycle,
the active state of the duty cycle is gated by the output signal
from the no-clock detection.
The external circuit can further deglitch events for more
conservative ignition because the overcurrent events are not
latched inside the IC.
Table 60. PWM1 Overcurrent Output Mode Duty-Cycle Coding for OCAX = 0, OCBX = 0
Duty Cycle
Description
0% - High-Z
OCx pins in high impedance state after reset and whenever OCEN = 0.
0% - Active-low
OCx pins actively driven low. Detection of any SPF which is a DFI for OC1-2-3 or when executing diagnostic for OC.
25%
OC threshold is not violated by more than one OCxADC (no overcurrent).
75%
OC threshold is violated by more than one OCxADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com