Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 78 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 78 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 74Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 75Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 76Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 77Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 78Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 79Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 80Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 81Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 78 of 97
not trigger until both the OC1 and OC2 channels report
overcurrent events. Either way, the safety function of two-
channel redundancy for safe pyrofuse ignition is not degraded.
However, with only two channels, the active one must
compromise, whether in the case of a single-point fault in the
OCxADC channels, the ignition needs to be forced or
prevented.
With the 3-channel concept, only the majority voters and all the
following function blocks can cause unintended ignition
because of single-point faults. If two channels are only used, and
the OC3TH is set to 0, additionally, a single point fault
preceding the majority voters can cause unintended ignition.
On the other hand, if the OC3TH is set to 0x7F, a single point
fault preceding the majority voters can prevent ignition. In any
case, the fault is reported to the serial controller through read
commands or through the PWM overcurrent output mode
coding.
Also, in case only two current sense pairs for the shunt interface
are used, the OC3ADC inputs should still be connected as
shown in Figure 60 with the recommended external filter
components to have support for the OC3ADC measurements
including the minimum and maximum tracking registers
OC3MIN, OC3MAX. None of this functionality is affected if
the overcurrent detection of the 3rd channel is always asserted
or de-asserted through the OC3TH setting.
Shunt Redundancy
In addition to Figure 51 showing a single shunt resistor
connected to the redundant inputs of the ADBMS2950/52, the
following figures give ideas of dual-shunt implementations in
which two separate sense elements are used. The shunt current
measurement being a low-side measurement requires the shunt
resistor to be grounded one side. To minimize the common
mode signal on the current sense inputs, the ground connection
is preferably done in the middle of the two sensing parts.
Figure 61. Preferred Dual-Shunt Ground Connection
Figure 62 shows a dual series sense element shunt resistor with
separated pads on the PCB footprint that connects all three
sense pairs and the GND separately. GND and NTCs are
connected to the center tap. The center tap must be as small as
possible to minimize its impedance (R and L), and in result, the
common mode signal. The resistors seen at the (over-) current
channels are:
•
I1, OC1: Rsns1
•
I2, OC2: Rsns2
•
OC3: Rsns2
Ideally, if the mechanical design is symmetric, both sense
elements have roughly the same nominal value. The
temperature gradient across the shunt (across the Y-axis in
Figure 62) must be minimized to reduce thermocouple voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com