Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 38 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 38 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 34Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 35Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 36Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 37Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 38Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 39Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 40Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 41Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 38 of 97
The x indicates the bits that can be either 0 or 1. Any
combination is valid, and the ADBMS2950B responds the same
way if the command PEC matches the command bytes.
RDALL commands are not available on the isoSPI daisy-chains.
For more details, see the Communication Protocol section.
Table 50. ADV Parameter Bits
Name
Type
Value
Description
OW
PAR
V1ADC and V2ADC open-wire test current injection enable.
00
V1ADC and V2ADC open-wire source off.
01
Current injected into V1ADC MUXP for measurements V1 to V8.
Current injected into V2ADC MUXP for measurements V9 to V10.
Do not use OW=0b01 in combination with VCH=9, see note below.
10
Current injected into V1ADC MUXN (Pins selected by VS1 to VS8 configuration) for measurements V1 to V8.
Current injected into V2ADC MUXN (Pins selected by VS9 to VS10 configuration) for measurements V9 to V10.
11
Reserved.
VCH
PAR
V1ADC and V2ADC channel select.
≤8
Single Measurement, see Table 57.
≥9
Multi Measurement, see Table 58.
Note that do not use open-wire test current injection on MUXP
(OW=0b01) in combination with VCH=9. This injects current
in an internal divided VREF2 reference path, which may cause a
false trigger of the VDDUV flag.
Multichannel open-wire test current injection can be used on
MUXN (OW=0b10) issued with any VCH setting or on MUXP
(OW=0b01) with VCH=10 to VCH=15.
Single-channel open-wire diagnostic measurements can be
issued with any OW and VCH setting.
Table 51. V1ADC, V2ADC, AUX ADC Result Registers
Name
Type
Reset
CLRVX
Description
V1A
RO
0x7FFF
0x8000
Signed 16-bit V1ADC V1 result register, voltage = V1A × 100 µV.
V1B
RO
0x7FFF
0x8000
Signed 16-bit V2ADC V1 result register, voltage = V1B × −85 µV.
V2A
RO
0x7FFF
0x8000
Signed 16-bit V1ADC V2 result register, voltage = V2A × 100 µV.
V2B
RO
0x7FFF
0x8000
Signed 16-bit V2ADC V2 result register, voltage = V2B × −85 µV.
V3A
RO
0x7FFF
0x8000
Signed 16-bit V1ADC V3 result register, voltage = V3A × 100 µV.
V3B
RO
0x7FFF
0x8000
Signed 16-bit V2ADC V3 result register, voltage = V3B × −85 µV.
V4A
RO
0x7FFF
0x8000
Signed 16-bit V1ADC V4 result register, voltage = V4A × 100 µV.
V4B
RO
0x7FFF
0x8000
Signed 16-bit V2ADC V4 result register, voltage = V4B × −85 µV.
V5A
RO
0x7FFF
0x8000
Signed 16-bit V1ADC V5 result register, voltage = V5A × 100 µV.
V5B
RO
0x7FFF
0x8000
Signed 16-bit V2ADC V5 result register, voltage = V5B × −85 µV.
V6A
RO
0x7FFF
0x8000
Signed 16-bit V1ADC V6 result register, voltage = V6A × 100 µV.
V6B
RO
0x7FFF
0x8000
Signed 16-bit V2ADC V6 result register, voltage = V6B × −85 µV.
V7A
RO
0x7FFF
0x8000
Signed 16-bit V1ADC V7 result register, voltage = V7A × 100 µV.
V8A
RO
0x7FFF
0x8000
Signed 16-bit V1ADC V8 result register, voltage = V8A × 100 µV.
V9B
RO
0x7FFF
0x8000
Signed 16-bit V2ADC V9 result register, voltage = V9B × −85 µV.
V10B
RO
0x7FFF
0x8000
Signed 16-bit V2ADC V10 result register, voltage = V10B × −85 µV.
VREF2A
RO
0x7FFF
0x8000
Signed 16-bit V1ADC VREF2 result register, voltage = VREF2A × (100 µV × 3 ÷ 1.25) = VREF2A × 240 µV.
VREF2B
RO
0x7FFF
0x8000
Signed 16-bit V2ADC VREF2 result register, voltage = VREF2B × (−85 µV × 3 ÷ 1.25) = VREF2B × −204 µV.
VREF1P25
RO
0x7FFF
0x8000
Signed 16-bit AUX ADC VREF1P25 result register, voltage = VREF1P25 × 100 µV.
VDIV
RO
0x7FFF
0x8000
Signed 16-bit AUX ADC VDIV result register, voltage = VDIV × 100 µV.
VREG
RO
0x7FFF
0x8000
Signed 16-bit AUX ADC VREG result register, voltage = VREG × 240 µV.
VDD
RO
0x7FFF
0x8000
Signed 16-bit AUX ADC VDD result register, voltage = VDD × 1 mV.
VDIG
RO
0x7FFF
0x8000
Signed 16-bit AUX ADC VDIG result register, voltage = VDIG × 240 µV.
EPAD
RO
0x7FFF
0x8000
Signed 16-bit AUX ADC EPAD result register, voltage = EPAD × 100 µV.
TMP1
RO
0x7FFF
0x8000
Signed 16-bit AUX ADC temperature 1 result register, temperature in °C = (TMP1 ÷ 61.8) − 250°C.
TMP2
RO
0x7FFF
0x8000
Signed 16-bit AUX ADC temperature 2 result register, temperature in °C = (TMP2 ÷ 20.5) − 267°C.
Table 52. V1ADC, V2ADC, AUX ADC Return Values
Command
BYTE 5
BYTE 4
BYTE 3
BYTE 2
BYTE 1
BYTE 0
RDV1A
V3A[15:8]
V3A[7:0]
V2A[15:8]
V2A[7:0]
V1A[15:8]
V1A[7:0]
RDV1B
V6A[15:8]
V6A[7:0]
V5A[15:8]
V5A[7:0]
V4A[15:8]
V4A[7:0]
RDV1C
VREF2A[15:8]
VREF2A[7:0]
V8A[15:8]
V8A[7:0]
V7A[15:8]
V7A[7:0]
RDV1D
V9B[15:8]
V9B[7:0]
V8A[15:8]
V8A[7:0]
V7A[15:8]
V7A[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com