Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 40 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 40 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 36Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 37Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 38Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 39Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 40Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 41Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 42Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 43Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 40 of 97
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
13
V7A[15:8]
14
V8A[7:0]
15
V8A[15:8]
16
V9B[7:0]
17
V9B[15:8]
18
V10B[7:0]
19
V10B[15:8]
Table 56. RDALLX Return Values
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
VREF2A[7:0]
1
VREF2A[15:8]
2
VREF2B[7:0]
3
VREF2B[15:8]
4
VREF1P25[7:0]
5
VREF1P25[15:8]
6
TMP1[7:0]
7
TMP1[15:8]
8
VREG[7:0]
9
VREG[15:8]
10
VDD[7:0]
11
VDD[15:8]
12
VDIG[7:0]
13
VDIG[15:8]
14
EPAD[7:0]
15
EPAD[15:8]
16
VDIV[7:0]
17
VDIV[15:8]
18
TMP2[7:0]
19
TMP2[15:8]
After receiving an ADV command, the ADBMS2950B can
either perform a single channel measurement, or sequentially
cycle through several measurement inputs depending on the
VCH parameter. The multiplexer inputs are listed in Table 57
and Table 58, where MUXP indicates the positive multiplexer
input and MUXN indicates the negative multiplexer input.
While V1 to V6 can be measured redundantly by both voltage
ADCs, V7-V10 can only be measured by either V1ADC (V7,
V8) or V2ADC (V9, V10). This enables truly redundant
measurements if V7, V9 or V8, V10 are utilized as pairs, where
the comparison can be done in the host controller.
The ADBMS2950B allows all of its V1 to V10 voltage inputs,
each to be measured against either SGND or VREF1P25.
Furthermore, V1 and V2 can also be measured against either
V3 or V4 to allow differential measurements between two input
pins. The reference potential that is applied per input pin is
selected by corresponding VSx bits (VS1[1:0], VS2[1:0], VS3 to
VS10) in the CFGA Configuration Register (see Table 70).
Table 57. V1ADC and V2ADC Single-Channel Options
VCH
V1ADC MUXP
V2ADC MUXP
V1ADC MUXN
V2ADC
MUXN
V1ADC Results
V2ADC Results
Time
0
V1
By VS1
V1A
V1B
0.27 ms
1
V2
By VS2
V2A
V2B
0.27 ms
2
V3
By VS3
V3A
V3B
0.27 ms
3
V4
By VS4
V4A
V4B
0.27 ms
4
V5
By VS5
V5A
V5B
0.27 ms
5
V6
By VS6
V6A
V6B
0.27 ms
6
V7
V9
By VS7
By VS9
V7A
V9B
0.27 ms
7
V8
V10
By VS8
By VS10
V8A
V10B
0.27 ms
8
VREF2
SGND
VREF2A
VREF2B
0.27 ms
The time of a single channel measurement consists of the
multiplexer setting and a conversion time which is 0.265 ms.
Additionally, to enable external signals to settle before the
measurement is taken, the ADBMS2950B features a
programmable SOAK time. It can be specified in the CFGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com