Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 5 Page - Analog Devices

  ADBMS2950BCCSZ Datasheet HTML 1Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 2Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 3Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 4Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 5Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 6Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 7Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 8Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 5 of 97
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
−0.1V ≤ VBATx ≤ 0V
−50
±1
+50
nA
DIAGNOSTICS
Open-Wire Test Current
8
10
12
µA
Input Series Resistance
1.84
2.3
2.76
kΩ
Divided VREF1 (VDIV)
118
mV
DIAGSEL = 5
Divided VREF2
2.375
V
DIAGSEL = 6
1
The TME specifications include the ADC's offset, nonlinearity, drift over temperature (gain error), reflow soldering, lifetime, and thermal hysteresis.
Table 4. OC1ADC to OC3ADC Overcurrent ADCs
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OPERATING CONDITIONS
Differential Input Range
Voltage range over which TME is guaranteed
OCxGC = 0
−300
+300
mV
OCxGC = 1
−140
+140
mV
Input-Pin Voltage Range
−315
+315
mV
For each IxA and IxB pin, referred to the SGND
CHARACTERISTICS
Conversion Time (tOCxADC)
56
62.3
69
µs
OCxR register update rate
Input Sampling Frequency
3.7
4.1
4.5
MHz
Resolution
OCxGC = 0
5
mV
OCxGC = 1
2.5
mV
Propagation Delay to OCA, OCB
6.2
µs
OCDGT = 0b00, time between OCxR register update and OC output
response
OCB vs. OCA Phase Shift1
3 ÷ fOSC1
PERFORMANCE
Offset Voltage
0
±2
mV
Gain Error
±0.1
±0.7
%
TME2
OCxGC = 0
0
±7
mV
OCxGC = 1
0
±4.2
mV
Conversion Noise
±0.5
mVPEAK
Deglitcher-Window Time Inaccuracy
±10
%
Guaranteed by design, not subject to test
Input Current
−100
+100
nA
All OCxADC and IxADCs active. Pin voltage within specified OCxADC
input-pin voltage range
DIAGNOSTICS
VTEST,OC,LO Result
OCTSEL = 0b10
OCxGC = 0
27
29
LSBs
OCxGC = 1
54
58
LSBs
VTEST,OC,HI result
57
59
LSBs
OCxGC = 0, OCTSEL = 0b11
1
The signal transitions arrive by this amount of time earlier on the OCA pin compared to the OCB pin.
2
The TME specifications include the ADC's offset, nonlinearity, drift over temperature (gain error), reflow soldering, lifetime, and thermal hysteresis.
Table 5. V1ADC and V2ADC General Purpose Voltage ADCs
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OPERATING CONDITIONS
Differential Input Range
−2.6
+2.6
V
Input-Pin Voltage Range
−0.1
+2.5
V
For each Vx pin, referred to the SGND
CHARACTERISTICS
Conversion Time
239
265
292
µs
Single conversion, no SOAK time
Input Sampling Frequency
3.7
4.1
4.5
MHz
Resolution
V1ADC
100
µV
V2ADC
−85
µV
Negative input polarity
PERFORMANCE
Offset Voltage
±0.2
mV
Gain Error
±0.1
%
Including solder shift and long-term drift
Gain Mismatch
±0.015
±0.05
%
V1ADC gain vs. V2ADC gain
Non-Linearity (INL)
±8
LSBs
TME1
±0.2
%
Effective ADC input voltage > ±1.0V
Conversion Noise
0.128
mVRMS
Input Current
ADC active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com