Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 33 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 33 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 29Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 30Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 31Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 32Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 33Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 34Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 35Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 36Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 33 of 97
Together with the back-to-back reading of the accumulated
conversion results, the host still can read the Ix, VBx registers at
any time to get fast measurement snapshots if required.
Figure 29 shows the Ix, VBx, IxACC, VBxACC, I1CNT, and the
I1PHA register update timing. The update for the accumulated
registers IxACC, VBxACC is shown as examples for ACCI
settings 0 and 1 (resulting in ACCN 4 and 8). For more details,
see the Continuous Sampling and Coulomb Counting section.
Figure 29. Relation of I1CNT, I2PHA, Ix, VBx, and Accumulated Result Registers IxACC, VBxACC Update for Two Settings of ACCN 4 and 8 (ACCI 0 and 1)
Redundant IxADC and VBxADC Measurements
If the redundancy bit RD in an ADI1 command is set, the
I1ADC and I2ADC, as well as the VB1ADC and VB2ADC, are
triggered to provide redundant, synchronous measurements.
After every conversion, the host controller can compare the
results of I2ADC with I1ADC as well as the results of VB2ADC
with VB1ADC.
If a single-shot ADI2 command is issued (see OPT command
bits), the I2ADC and VB2ADC perform a single-shot
conversion immediately and then stop.
If a continuous mode ADI2 command is issued while the
I1ADC and VB1ADC are already in continuous mode, the
I2ADC and VB2ADC wait for the ongoing accumulation of the
channel 1 ADCs conversions to finish (depends on ACCN) and
start converting synchronously to the next accumulation cycle,
which allows comparison of the result registers of both channels
in the host controller.
If a continuous mode ADI2 command is issued while the
I1ADC, VB1ADC, I2ADC, and VB2ADC are set to continuous
redundant mode, the I2ADC and VB2ADC interrupt their
current conversion and start converting again synchronously to
the next accumulation cycle. This sequence delays the update of
the I1CNT and I1PHA until the I1ADC and VB1ADC have
finished their next two 1 ms conversion cycles. The updated
I1CNT value is the previous I1CNT value incremented by two
and the I1PHA value is zero.
Table 40. I1ADC, VB1ADC, I2ADC, VB2ADC Command Codes
Name
Type
BIT
10
BIT
9
BIT
8
BIT 7
BIT
6
BIT
5
BIT 4
BIT
3
BIT
2
BIT 1
BIT 0
Description
ADI1
CMD
0
1
RD
OPT[3]
1
1
OPT[2]
0
x
OPT[1]
OPT[0]
Start I1ADC and VB1ADC (ADBMS6830B: ADCV).
ADI2
CMD
0
0
1
OPT[3]
1
1
OPT[2]
1
0
OPT[1]
OPT[0]
Start I2ADC and VB2ADC (ADBMS6830B: ADSV).
CLRI
CMD
1
1
1
0
0
0
1
0
0
0
1
Clear IxADC and VBxADC results (ADBMS6830B:
CLRCELL).
CLRA
CMD
1
1
1
0
0
0
1
0
1
0
0
Clear IxADC and VBxADC accumulators
(ADBMS6830B: CLRFC).
RDI
RD48
0
0
0
0
0
0
0
0
1
0
0
Read I1ADC and I2ADC results (ADBMS6830B:
RDCVA).
0
0
0
0
0
0
1
0
0
1
0
ADBMS6830B compatible code RDFCA.
RDVB
RD48
0
0
0
0
0
0
0
0
1
1
0
Read VB1ADC and VB2ADC results
(ADBMS6830B: RDCVB).
0
0
0
0
0
0
1
0
0
1
1
ADBMS6830B compatible code RDFCB.
RDIACC
RD48
0
0
0
0
1
0
0
0
1
0
0
Read I1ADC and I2ADC accumulators
(ADBMS6830B: RDACA).
RDVBACC
RD48
0
0
0
0
1
0
0
0
1
1
0
Read VB1ADC and VB2ADC accumulators
(ADBMS6830B: RDACB).
RDIVB1
RD48
0
0
0
0
0
0
0
1
0
0
0
Read I1ADC and VB1ADC results (ADBMS6830B:
RDCVC).
0
0
0
0
0
0
1
0
1
0
0
ADBMS6830B compatible code RDFCC.
RDIVB1ACC
RD48
0
0
0
0
1
0
0
1
0
0
0
Read I1ADC and VB1ADC accumulators
(ADBMS6830B: RDACC).
RDALLI
RD160
0
0
0
0
0
0
0
1
1
0
0
Read IxADC and VBxADC results.
RDALLA
RD160
0
0
0
0
1
0
0
1
1
0
0
Read IxADC and VBxADC accumulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com