Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 61 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 61 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 57Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 58Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 59Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 60Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 61Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 62Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 63Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 64Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 61 of 97
The four open-drain output mode GPIOs are controlled
through the CFGB register. They can be pulled up to the VREG
voltage by external pull-up resistors. After reset, all GPIOs
default to a high-impedance state.
One of the GPIOs, GPIO1, can be configured as a fault output
by the GPIO1FE bit. The fault events that contribute to the
FAULT pin are the same as signaled through the overcurrent
output pins. Where enabled as a fault output, the pin drives low
when no fault is pending and goes to a high-impedance state if
a fault is pending. A pull-up resistor is expected externally. By
default, this function is not enabled, and GPIO1 behaves as the
other GPIO pins. The GPIO1FE fault behavior is active high
such that the occurrence of a reset is also signaled as a faulty
state.
The GPIO2 also provides an alternative functionality. It is
enabled by the GPIO2EOC bit. If set, the GPIO2 no longer
outputs the state of the GPIO2C bit, but instead provides an
output pulse every time the OC1ADC completes a conversion.
All four GPIOs can also be purposed for the COMM
functionality. Even in COMM mode, the GPIOs are open-drain
outputs. Therefore, an external pull-up resistor is required on
these ports. The COMM function is enabled by the dedicated
COMM commands. However, for the correct COMM
functionality, the GPIOxC bits of the involved GPIOs must be
set to 1 in the CFGB register to ensure that the pins are not
overruled to a low state. At any time, the GPIOxC bits can be
used to overrule the COMM function and to force a GPIO low.
The actual state of the GPIOs is available in the STAT register.
The GPIOs and GPOs can be read by the same RDSTAT
command to get coherent data. The readback is also functional
when the GPIOs are operated in COMM mode, or when the
GPIO1FE and GPIO2EOC bit are set. However, the signals may
be dynamic and are not further synchronized nor gated.
The GPIO readback features only one threshold level. If the bits
in the STAT register read zero, the GPIO is confirmed to be low.
There is no function to confirm the voltage level, when the
ADBMS2950B does not pull the signal low. Where needed, the
signal can be externally looped back to any of the V1-V10
inputs.
I2C/SPI Controller
The input/output ports GPIO1 to GPIO4 can be used as an I2C
or a SPI controller port to communicate with an I2C or SPI
peripheral.
The SPI3W bit in the CFGA register specifies whether a 3-wire
or 4-wire SPI protocol is used. The SPI mode of the SPI
controller on the ADBMS2950B is not configurable but fixed to
Mode 3 (CPHA = 1 and CPOL = 1), which makes it compatible
to the peripheral designed for this mode and for Mode 0
(CPHA = 0 and CPOL = 0). Both modes sample the data on the
rising clock edge and differ only in the Idle clock state.
Table 80 shows the assignment of the GPIOs to the serial
controller pins. GPIOs not used by the serial controller are free
to be used for other purposes. For the SPI controller, up to six
additional CS lines can be implemented using the GPO1 to
GPO6 pins (GPOx shown in Table 80) by keeping the default
CS of the SPI controller de-asserted (high) while activating one
of the GPOx through a write to CFGA.
Table 80. Serial Controller Pin Assignment
Pin
SPI (SPI3W = 0)
SPI (SPI3W = 1)
I2C
GPIO1
SDIM
GPIO2
CSBM
CSBM
GPIO3
SDOM
SDIOM
SDA
GPIO4
SCKM
SCKM
SCL
GPOx
CSBMx
CSBMx
Table 81. Serial Controller Signal Description
Signal
Description
CSBM, CSBMx
SPI Controller Chip Select Output.
SDIM
SPI Controller Data Input.
SDIOM
SPI Controller Data Input/Output.
SDOM
SPI Controller Data Output.
SCKM
SPI Controller Clock Output.
SDA
I2C Controller Data Input/Output.
SCL
I2C Controller Clock Output.
The 6-byte COMM register stores all the data and control bits
required for the I2C or SPI communication. It contains up to
three data bytes to be transmitted to or received from the
peripheral device. It also contains three control bytes that
specify whether the bytes are transferred in I2C or in SPI mode
and the control action to be taken prior (ICOM bit fields) and
after (FCOM bit fields) the transaction of the individual bytes.
Table 82. COMM Command Codes
Name
Type
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Description
WRCOMM
WR48
1
1
1
0
0
1
0
0
0
0
1
Write COMM register (ADBMS6830B: WRCOMM).
RDCOMM
RD48
1
1
1
0
0
1
0
0
0
1
0
Read COMM register (ADBMS6830B: RDCOMM).
STCOMM
CMD
1
1
1
0
0
1
0
0
0
1
1
Send COMM register (ADBMS6830B: STCOMM).
Table 83. COMM Register Map
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
ICOM0[3:0]
FCOM0[3:0]
1
D0[7:0]
2
ICOM1[3:0]
FCOM1[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com