Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 2Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 3Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 4Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 5Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 6Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 7Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 8Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 9Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 6 of 97
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
0V ≤ Vx ≤ 2.5V
−15
±1
+15
nA
Pin voltage referred to the SGND, current into pin. All Vx pins except
V4
0V ≤ Vx ≤ 2.5V
−80
±1
+80
nA
Pin V4 only
−0.1V ≤ Vx ≤ 0V
−400
±1
+400
nA
DIAGNOSTICS
Open-Wire Test Current
8
10
12
µA
Input Series Resistance
1.84
2.3
2.76
VREF2
For more details, see the VBxADC and VxADC Transfer Function
section
V1ADC
12455
12500
12545
LSBs
V2ADC
−14759
−14706
−14653
LSBs
1
The TME specifications include the ADC's offset, nonlinearity, drift over temperature (gain error), reflow soldering, lifetime, and thermal hysteresis.
Table 6. AUX ADC
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CHARACTERISTICS
Conversion Time
1.9
2.12
2.33
ms
All 8-channels converted
Input Sampling Frequency
3.7
4.1
4.5
MHz
Resolution
VDIV
100
µV
EPAD
100
µV
VREF1P25
100
µV
VDIG
240
µV
VDD
1
mV
TMP1
16.18
mK
VREG
240
µV
TMP2
48.7
mK
PERFORMANCE
TME1
VDIV
±5.0
mV
EPAD
-3
+1
mV
VREF1P25
±0.1
%
VDIG
±0.5
%
VDD
±0.5
%
TMP1
±5
°C
Ambient Temperature (TA) = 25°C
TMP1
±8 (±5σ)
°C
−40°C to 125°C, not tested in production
VREG
±0.5
%
TMP2
±7
°C
−40°C to 125°C, not tested in production
1
The TME specifications include the ADC's offset, nonlinearity, drift over temperature (gain error), reflow soldering, lifetime, and thermal hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com