Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 28 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 28 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 24Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 25Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 26Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 27Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 28Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 29Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 30Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 31Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 28 of 97
The daisy-chain scenario considers a reconfigurable 400V/800V
battery supervised by two pack monitors ADBMS2950B (one
for each 400V battery) and 10 cell monitors ADBMS6830B (10
× 16 = 160 cells total) connected in a reversible daisy-chain
according to Figure 22. During normal operation, the reversible
isoSPI ring is split through software (COMMBK) into two
chains allowing simultaneous serial transactions, one chain with
NP = 2, NQ = 5 and one with NP = 0, NQ = 5. The latter is not
considered here, being a cell monitor only daisy-chain resulting
in shorter serial transactions and thus consuming less time on
the SPI controller. For the daisy-chain scenario, the first chain
with NP = 2, NQ = 5 is assumed.
For the best communication efficiency, the pack monitors are
placed at the beginning of the daisy-chain. This allows reading
data from the pack monitors only (RP, Table 37) without the
overhead of data returned by the cell monitors. To support
LPCM on the cell monitors while shutting down the power to
the ADBMS2950B devices, those are placed to one end of the
isoSPI ring only, which allows the LPCM Heartbeat messages to
propagate to the other end.
For simplicity, it is assumed the data received from the pack
monitors is discarded when reading from the cell monitors. For
improved efficiency, the BMS controller software can consider
this data, which allows to reduce the number of read commands
required for the pack monitors.
The timing parameter Tdb can be as low as 0 and depends on
the implementation of the SPI controller driver and the
operating system (OS) only. The timing parameter Ts must be at
least 2 μs according to the Table 14 parameter t5, CSB Rising
Edge to CSB Falling Edge, but it is typically greater and also
depends on the SPI controller driver and OS.
Table 34. SPI Sequence Timing Parameters
Name
Value
Description
t
Absolute SPI transaction time stamp.
CMD
Command name.
Type
Command type.
Bc
Number of command (and PEC) bytes is always 4.
Bd
Number of bytes depends on command type.
B
Number of command bytes plus data bytes.
T
Serial transaction time equals B × Tb + Ts.
NP
2
Number of pack monitors within daisy-chain.
NQ
5
Number of cell monitors within daisy-chain.
N
7
Total number of devices in daisy-chain.
Tdb
0s
Byte delay to account for BMS controller SW SPI controller
delays.
Fspi
2 MHz
SPI frequency, ADBMS devices support up to 2 MHz.
Tb
4 μs
Transaction time per byte is equal to 8 ÷ Fspi + Tdb.
Ts
2 μs
BMS controller SW dependent delay between SPI
transactions.
Parameter values not given in Table 34 depend on the use case
scenario and are listed in Table 35, Table 36, Table 37, and
Table 38.
Any serial transaction begins with 2 bytes command code
followed by 2 bytes command PEC according to Table 25,
Table 26, Table 27, and Table 28. The 4-byte command phase
(CMD0, CMD1, PEC0, PEC1) is received simultaneously by all
devices besides latencies due to cable and device transceiver
propagation delays specified as tDSY(D) in Table 17.
After the command phase, when reading or writing data, all
devices in the daisy-chain form a logical shift register with 8
bytes per device. Reading or writing the whole daisy-chain
requires a SPI transaction of 4 + N × 8 bytes. A subset of devices
at the beginning of the daisy-chain can be accessed by cutting
the transaction at a device boundary.
Single Device
When operating with a single ADBMS2950B device one can
benefit from the efficiency of the Read All RDALL (RALL)
commands transmitting a total of 20 data bytes. 6 bytes register
groups can also be accessed by Read RD48 (R) commands and
are written by Write WR48 (W) commands. 4 bytes only Action
(A) commands are used for example to trigger ADC
conversions (for example, ADV).
Table 35. Single Device Command Types
Type
Bc
Bd
B
Description
A
4
0
4
Action command, no data bytes.
RALL
4
20
24
Read All (Bd = 20).
R
4
8
12
Read (Bd = 8).
W
4
8
12
Write (Bd = 8).
Table 36 shows the timing of an example sequence, writing to
CFGA to adjust the VSx bits, trigger VxADC (ADV) and
AUX ADC (ADX) and read all conversion results (RDALLV,
RDALLR, RDALLX). Note that the host controller must wait for
all conversions to be completed before reading the results.
Assuming such a sequence is scheduled at a fixed period T,
where T > Total-Conversion-Time, the order of read commands
and write together with trigger commands can be swapped
allowing to read previous results before triggering new
conversions.
Table 36. Single Device Vx and Diagnostic Measure Sequence
Example
#
CMD
Type
B
T
Description
1
WRCFGA
W
12
50
μs
Write CFGA to set VSx.
2
ADV
A
4
18
μs
Trigger VxADCs (V1 to V10).
3
ADX
A
4
18
μs
Trigger AUX ADC (VREF1P25).
4
RDALLV
RALL
24
98
μs
Read V1 to V8 by V1ADC and V9,
V10 by V2ADC.
5
RDALLR
RALL
24
98
μs
Read V1 to V6, V9, V10 by V2ADC
and V7, V8 by V1ADC.
6
RDALLX
RALL
24
98
μs
Read all AUX ADC results.
Total
92
380
μs
Daisy-Chain
When operating with a daisy-chain of the ADBMS2950B (and
optional subsequent ADBMS6830B) devices, the Read All



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com