Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 43 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 43 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 39Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 40Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 41Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 42Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 43Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 44Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 45Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 46Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 43 of 97
18-bit. However, because the peak-to-peak noise is significantly
larger than 1 LSB, an accumulation based on multiple Ix
conversions, nevertheless, yield an effective resolution that is
higher than 18-bit (dithering). The random noise of I1ADC is
uncorrelated to that of I2ADC. The random noise is also
uncorrelated between consecutive 1 ms IxADC conversions.
Figure 32. IxADC Precision Depending on Number of Averaged Conversions
at Zero-Input
Figure 33. IxADC Noise Distribution of the 1 ms Conversion Results
For larger input signals, the accuracy is also determined by the
gain error, and the noise becomes a relatively smaller error
term. Figure 34 shows the expected IxADC output for a 10 mV
input signal, ±0.1% gain error limits, and the ADC output
including noise.
While averaging still improves the peak-to-peak reading
somewhat, the TME is dominated by the ±0.1% gain error term.
Averaging with up to 32 conversions can be done through the
on-chip accumulators configured by the ACCI setting.
Averaging of more conversions must be done in the host.
Figure 34. IxADC Precision Depending on Number of Averaged Conversions
at 10 mV Input Signal
In general, the IxADC TME can be decomposed in a precision
and an accuracy term. Using the electrical specifications, the
TME can be calculated as a function of the input signal with the
following equation:
TME = offset + signal × (gain error + nonlinearity) + noise.
The noise can be improved by averaging, while the accuracy is
determined by the ADC specifications. Figure 35 shows TME
vs. input signal for four accumulation settings: ACCN = 1,
ACCN = 8, ACCN = 32, and an average of 64, which must be
computed in the host controller, as the on-chip accumulator can
only be set to a maximum of ACCN = 32. This requires the host
to calculate the average over two consecutive IxACC results.
This calculation again uses a 3.5σ peak noise estimate, which
means that 99.98% of all conversion have a lower noise value
than the curves shown in Figure 35. As the total measurement
time decreases or increases, the curve approaches the limits set
by the offset plus noise or gain plus nonlinearity error
specifications.
Figure 35. IxADC TME vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com