Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 51 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 51 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 47Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 48Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 49Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 50Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 51Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 52Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 53Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 54Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 51 of 97
Name
Type
Reset
Value
Description
010
500 µs of soak time.
011
1 ms of soak time.
100
2 ms of soak time.
101
10 ms of soak time.
110
20 ms of soak time.
111
150 ms of soak time.
GPO1OD
RW
1
GPO1 Open-Drain Mode Enable.
0
GPO1 pushed to VDD (GPO1C = 1) or pulled to GND (GPO1C = 0).
1
GPO1 high-impedance (GPO1C = 1) or pulled to GND (GPO1C = 0).
GPO2OD
RW
1
GPO2 Open-Drain Mode Enable.
0
GPO2 pushed to VDD (GPO2C = 1) or pulled to GND (GPO2C = 0).
1
GPO2 high-impedance (GPO2C = 1) or pulled to GND (GPO2C = 0).
GPO3OD
RW
1
GPO3 Open-Drain Mode Enable.
0
GPO3 pushed to VDD (GPO3C = 1) or pulled to GND (GPO3C = 0).
1
GPO3 high-impedance (GPO3C = 1) or pulled to GND (GPO3C = 0).
GPO4OD
RW
1
GPO4 Open-Drain Mode Enable.
0
GPO4 pushed to VDD (GPO4C = 1) or pulled to GND (GPO4C = 0).
1
GPO4 high-impedance (GPO4C = 1) or pulled to GND (GPO4C = 0).
GPO5OD
RW
1
GPO5 Open-Drain Mode Enable.
0
GPO5 pushed to VDD (GPO5C = 1) or pulled to GND (GPO5C = 0).
1
GPO5 high-impedance (GPO5C = 1) or pulled to GND (GPO5C = 0).
GPO6OD
RW
1
GPO6 Open-Drain Mode Enable.
0
GPO6 pushed to VDD (GPO6C = 0b01) or pulled to GND (GPO6C = 0b00).
1
GPO6 high-impedance (GPO6C = 0b01) or pulled to GND (GPO6C = 0b00).
GPO1C
RW
1
GPO1 Output State Control.
0
GPO1 pulled low to GND.
1
GPO1 pushed to VDD (GPO1OD = 0) or put to high-impedance state (GPO1OD = 1).
GPO2C
RW
1
GPO2 Output State Control.
0
GPO2 pulled low to GND.
1
GPO2 pushed to VDD (GPO2OD = 0) or put to high-impedance state (GPO2OD = 1).
GPO3C
RW
1
GPO3 Output State Control.
0
GPO3 pulled low to GND.
1
GPO3 pushed to VDD (GPO3OD = 0) or put to high-impedance state (GPO3OD = 1).
GPO4C
RW
1
GPO4 Output State Control.
0
GPO4 pulled low to GND.
1
GPO4 pushed to VDD (GPO4OD = 0) or put to high-impedance state (GPO4OD = 1).
GPO5C
RW
1
GPO5 Output State Control.
0
GPO5 pulled low to GND.
1
GPO5 pushed to VDD (GPO5OD = 0) or put to high-impedance state (GPO5OD = 1).
GPO6C
RW
01
GPO6 Output State Control.
00
GPO6 pulled low to GND.
01
GPO6 pushed to VDD (GPO6OD = 0) or put to high-impedance state (GPO6OD = 1).
10
GPO6 outputs 200 kHz (push-pull for GPO6OD = 0 and open-drain for GPO6OD = 1); readback disabled.
11
Reserved.
GPIO1FE
RW
0
GPIO1 Fault Output Enable.
0
GPIO1 controlled by GPIO1C or COMM register in case SPI controller usage.
1
GPIO1 outputs fault status.
SPI3W
RW
0
SPI Controller Mode Select.
0
4-wire: SDIM and SDOM on separate pins.
1
3-wire: SDIM and SDOM on the same pin.
COMMBK
RW
0
isoSPI Communication Break.
0
Communication propagates from the peripheral to the controller port (from Port A to Port B and vice versa depending on where
communication is initiated).
1
No transmission from the peripheral to the controller port.
REFUP
RO
0
Indicates Powered Voltage References.
0
VREF1 and VREF2 are not (yet) powered.
1
VREF1 and VREF2 are powered.
SNAPST
RO
0
SNAP Status Indicator.
0
SNAP inactive. Result registers progress to SPI.
1
SNAP active. Result registers frozen until next UNSNAP command.
INJTS
RW
01
Thermal Shutdown Diagnostic Enable.
0
Normal operation.
1
Forces THSD flag, see note1.
INJTM
RW
0
Test mode Indicator Diagnostic Enable.
0
Normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com