Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 91 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 91 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 87Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 88Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 89Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 90Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 91Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 92Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 93Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 94Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 91 of 97
Figure 79. VxADC Filter Transfer Function
If required, the host can synchronize a VxADC measurement to
the IxADC and VBxADC through alignment of the ADV and
ADIx commands as shown in Figure 80. As the I1ADC and
VB1ADC are recommended to operate continuously to provide
back-to-back conversion results for better filtering and precise
coulomb counting, single-shot battery current, and voltage
measurements must be performed with the second channel
through ADI2. Alternatively, it is always possible to perform
single-shot measurements on the VxADC only and read
synchronous I1ADC and VxADC conversion results. The
following sequence shows the reading of the 1 ms conversion
result of the continuously operating I1ADC that is acquired
closest to the time when the ADV command is sent.
At time t = 0:
•
SNAP
•
ADV
•
RDI or RDIVB1 to get I1
•
RDFLAG to get I1CNTPHA
•
UNSNAP
At time t = 1 ms:
•
SNAP
•
RDI or RDIVB1 to get I1
•
RDFLAG to get I1CNTPHA
•
UNSNAP
Using the information from I1CNTPHA, the host controller can
decide which I1ADC conversion is acquired closest to the
VxADC measurement.
Figure 80. Command Timing Sequence to Synchronize I2ADC and VxADC
Measurements
Figure 81 shows the transfer function of averaging multiple
single-shot conversions over a longer time window. The
example assumes that the host measures a channel once every
5 ms and calculates the average of 20 samples leading to the
average of the last 100 ms. The multi-measurement of all
channels can be done within 2.39 ms, see Table 58, so that it is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com