Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 41 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 41 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 37Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 38Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 39Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 40Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 41Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 42Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 43Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 44Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 41 of 97
register (see Table 70). If the respective bit field is not equal to
zero, the first measurement is delayed by tSOAK after the ADV
command. If open-wire detection is enabled by setting the OW
bits, the current sources are switched on immediately after the
multiplexer is set to the selected input and stay enabled for the
SOAK and the ADC conversion time. If the VCH parameter is
set to any value greater than eight, the VxADCs measure
multiple channels, one after the other.
Table 58. V1ADC and V2ADC Multichannel Options
VCH
Sequence
n
Time
9
VCH0-VCH8
9
2.39 ms
10
VCH1, VCH3, VCH5
3
0.80 ms
11
VCH0-VCH5
6
1.59 ms
12
VCH0-VCH3
4
1.06 ms
13
VCH0, VCH2, VCH4
3
0.80 ms
14
VCH4-VCH7
4
1.06 ms
15
VCH5-VCH7
3
0.80 ms
The SOAK time is applied to every individual measurement.
Consequently, multichannel conversions take n times as long as
single conversions, where n is the number of specified channels.
The following formula can be used to calculate the total end of
conversion (EOC) depending on the number of channels (n)
and tSOAK (see SOAK configuration in Table 70):
tEOC = n × (549 ÷ OSC1 + tSOAK)
With the biggest SOAK time configured, the typical overall
measurement time is 9 × (0.265 ms + 150 ms) = 1.35 seconds.
VxADC Open-Wire Current Sources
As shown in the block diagram, the ADBMS2950B features 10
μA pull-up current sources at the inputs of the voltage
measurement paths. Activating these current sources allows the
detection of a broken input connection or multiplexer. The
open-wire current sources are controlled by the OW bits. For
more details, see Table 50.
As the open-wire current sources are connected after internal
resistors of 2.3 kΩ, which activate them changes the respective
ADC reading by about 23 mV, either in the positive (OW = 01)
or negative (OW = 10) direction.
The open-wire current sources of the V2ADC are only active
when that ADC is measuring V9 or V10. As a result, when
measuring V1 to V6, the V2ADC results are not affected by the
internal voltage drop of 23 mV, while they are affected for the
measurements of V9 and V10. In addition to internal voltage
drop, all measurements on Vx pins are altered by the voltage
drop of the pull-up current across the external source
impedance of the respective pin to GND. The SOAK time
configuration allows adapting to the settling time of the
external RC filters by activating the current for the configured
time duration before the ADC conversion, the current source is
active during the conversion itself and during the SOAK time
leading up to it.
The open-wire current sources of V1ADC and V2ADC are not
active when measuring VREF2.
VBxADC and VxADC Transfer Function
The transfer functions of the V1ADC and VB1ADC are
different from those of the V2ADC and VB2ADC. This has an
impact on the digital output codes that can be reached.
All VxADCs and VBxADCs calculate the ratio of their input
signal to VREF1. These ratios cannot exceed the −1 to +1
ranges.
The V1ADC and VB1ADC have an LSB size of +100 µV. At the
nominal VREF1 voltage of 3.2V, the highest digital output code
that can be reached is 3.2V ÷ 100 µV = 32000, which is lower
than the highest code that can be represented in the register
(+32767).
A similar situation exists for negative inputs. Depending on the
value of VREF1, these ADCs have a range of digital output
codes that cannot be reached. The V2ADC and VB2ADCs have
an LSB size of −85 µV. The largest positive input voltage that
can be digitally represented is -32768 × −85 µV = 2.785V, which
is lower than the guaranteed minimum value of VREF1.
Therefore, these ADCs do not have any unreachable codes.
Figure 30 and Figure 31 visualize those details in the ADC
transfer functions. V1ADC is equivalent to VB1ADC, and
V2ADC is equivalent to VB2ADC.
Having a set of unreachable codes can be helpful to distinguish
ADC conversion results from the register's CLEAR or RESET
values. At the same time, external decision-making based on
programmable thresholds (for example, Open-wire Detection),
must take the available V1ADC and VB1ADC code range into
account.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com