Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 9Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 10Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 11Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 12Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 13Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 14Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 15Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 16Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 13 of 97
ABSOLUTE MAXIMUM RATINGS
Voltages relative to GND, unless otherwise noted.
Table 18.
Parameter
Rating
Supply Pins
VDD
(VREG − 0.3V) to 21V
VREG
6V
DRIVE
−0.3V to +7V
SGND
−0.1V to +0.1V
RGND
−0.1V to +0.1V
Current Inputs
S1A, I1A, I1B
−4V to +4V
S2A, I2A, I2B
−4V to +4V
I3A, I3B
−4V to +4V
IxA to IxB
−4V to +4V
Voltage Inputs
V1 to V10
−0.3V to +6V
VBAT1, VBAT2
−0.3V to +6V
Digital Input/Output Pins
GPIO1 to GPIO4
−0.3V to +6V
GPO1 to GPO6
−0.3V to (VDD + 0.3V)
OCA, OCB
−0.3V to (VREG + 0.3V)
IPA1, IMA1 , IPB, IMB
−15V to +15V
SCK1 , CSB1
−0.3V to +6V
All Other Pins
−0.3V to +6V
Current In/Out of Pins2
VREF1P25
−5 mA to +5 mA
VREG
−5 mA to +54 mA
GPO1 to GPO6
−2 mA to +2 mA
OCA, OCB
−12 mA to +12 mA
GPIO1 to GPIO4
−10 mA to +10 mA
SDO
−10 mA to +10 mA
IPA, IMA, IPB, IMB
−40 mA to +40 mA
V1 to V10, VBAT1, VBAT2
−10 mA to +4 mA
Sum of Currents into Pins
V1 to V10, VBAT1, VBAT2,
VREF1P25, OCA, OCB3
+4 mA
Temperature
Operating Junction Temperature
Range (TJ)
−40°C to +125°C
Junction Temperature (TJMAX)
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10
sec)
300°C
ESD Classifications
Human Body Model (HBM)
Level 2
Charged Device Model (CDM)
Level C2
1
IPA and SCK are the same pin. IMA and CSB are the same pin. The absolute
maximum rating for these pins depends on whether Port A is configured for
SPI mode (CSB and SCK) or isoSPI mode (IPA and IMA).
2
Positive currents flow into pins, negative currents flow out of pins.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to PCB design and
operating environment. Careful attention to PCB thermal
design is required. θJA is the natural convection junction-to-
ambient thermal resistance measured in a one cubic foot sealed
enclosure. θJC is the junction-to-case thermal resistance.
Table 19. Thermal Resistance
Package Type
θJA
θJC
Unit
CS-48
28
3
K/W
ESD CAUTION
3
Those pins are clamped to VREG through internal diodes, this maximum sum
of currents is sunk into the VREG pin regardless of whether the device is
powered or not. It is guaranteed that the mentioned pins do not exceed
their absolute maximum voltage rating in this condition. For more details,
see the Protection Features section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com