Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950BCCSZ Datasheet(PDF) 37 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 37 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 33Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 34Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 35Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 36Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 37Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 38Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 39Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 40Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 37 of 97
Even though all the V1-V10, VBAT1, and VBAT2 pin voltages
must not be lower than −0.1V vs. GND, the VxADCs and
VBxADCs are bipolar and can measure lower negative
differential signals. For example, V1 = 0.5V vs. VREF1P25 =
1.25V yields a −0.75V differential ADC measurement.
When biasing resistive dividers to VREF1P25, the specified
range of VREF1P25 (see Voltage Reference Specifications) and
the input pin voltage (see Table 3 and Table 5) must be
considered for the guaranteed measurement range. For
example, if VREF1P25 is at 1.30V, the voltage drop at the
resistor must not exceed 1.2V to meet the maximum input pin
voltage of 2.5V. The measurement transfer function becomes
non-linear for bigger signals but remains monotonic (see
VBxADC and VxADC Transfer Function section).
The VREF1P25 output pin is a potential source of common-
cause faults for NTC temperature measurements. Where not all
Vx inputs are used it is recommended to loop back the
VREF1P25 externally to any spare Vx pin and perform out-of-
range checks periodically.
Auxiliary Measurements
The ADBMS2950B features an auxiliary ADC preceded by the
auxiliary multiplexer to measure various signals including the
power supply pins, the buffered 1.25V reference output
VREF1P25, and the internal temperature sensors.
The multiplexer inputs are listed in Table 48; MUXP indicates
the positive multiplexer input and MUXN indicates the negative
multiplexer input.
The Auxiliary ADC is triggered by the ADX command, which
measures all input channels in a round-robin fashion. It takes
2.1 ms to measure all the eight channels.
Table 48. AUX ADC Measurement Sequence
Step
MUXP
MUXN
Time
Description
1
VDIV
GND
0.27 ms
Divided VREF1 reference voltage.
2
EPAD
GND
0.53 ms
Exposed pad.
3
VREF1P25
RGND
0.80 ms
VREF1P25 reference pin voltage.
4
VDIG
GND
1.06 ms
Internal digital 3V supply.
5
VDD
GND
1.33 ms
VDD power supply pin.
6
TMP1
RGND
1.59 ms
Primary internal temperature
sensor.
7
VREG
GND
1.86 ms
VREG power supply pin.
8
TMP2
GND
2.12 ms
Secondary internal temperature
sensor.
Table 49. V1ADC, V2ADC, AUX ADC Command Codes
Name
Type
BIT
10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Description
ADV
CMD
1
0
0
OW[1:0]
1
1
VCH[3:0]
Start V1ADC and V2ADC.
ADX
CMD
1
0
1
0
0
1
1
0
x
x
x
Start AUX ADC.
CLRVX
CMD
1
1
1
0
0
0
1
0
0
1
0
Clears all VxADC and AUX ADC results
(ADBMS6830B: CLRAUX).
RDV1A
RD48
0
0
0
0
0
0
0
1
0
1
0
Reads V1ADC results (ADBMS6830B: RDCVD).
0
0
0
0
0
0
1
0
1
0
1
ADBMS6830B compatible code RDFCD.
0
0
0
0
1
0
0
1
0
1
0
ADBMS6830B compatible code RDACD.
0
0
0
0
0
0
1
1
0
0
1
ADBMS6830B compatible code RDAUXA.
RDV1B
RD48
0
0
0
0
0
0
0
1
0
0
1
Reads V1ADC results (ADBMS6830B: RDCVE).
0
0
0
0
0
0
1
0
1
1
0
ADBMS6830B compatible code RDFCE.
0
0
0
0
1
0
0
1
0
0
1
ADBMS6830B compatible code RDACE.
0
0
0
0
0
0
1
1
0
1
0
ADBMS6830B compatible code RDAUXB.
RDV1C
RD48
0
0
0
0
0
0
0
0
0
1
1
Reads V1ADC results (ADBMS6830B: RDSVA).
RDV1D
RD48
0
0
0
0
0
0
1
1
0
1
1
Reads V1ADC/V2ADC results (ADBMS6830B:
RDAUXC).
RDV2A
RD48
0
0
0
0
0
0
0
0
1
1
1
Reads V2ADC results (ADBMS6830B: RDSVC).
0
0
0
0
0
0
1
1
1
0
0
ADBMS6830B compatible code RDRAXA.
RDV2B
RD48
0
0
0
0
0
0
0
1
1
0
1
Reads V2ADC results (ADBMS6830B: RDSVD).
0
0
0
0
0
0
1
1
1
0
1
ADBMS6830B compatible code RDRAXB.
RDV2C
RD48
0
0
0
0
0
0
0
0
1
0
1
Reads V2ADC results (ADBMS6830B: RDSVB).
RDV2D
RD48
0
0
0
0
0
0
1
1
1
1
1
Reads V1ADC/V2ADC results (ADBMS6830B:
RDAUXD).
RDV2E
RD48
0
0
0
0
0
1
0
0
1
0
1
Reads V2ADC results (ADBMS6830B: RDRAXD).
RDXA
RD48
0
0
0
0
0
1
1
0
0
0
0
Reads AUX ADC results (ADBMS6830B:
RDSTATA).
RDXB
RD48
0
0
0
0
0
1
1
0
0
0
1
Reads AUX ADC results (ADBMS6830B:
RDSTATB).
RDXC
RD48
0
0
0
0
0
1
1
0
0
1
1
Reads AUX ADC results (ADBMS6830B:
RDSTATD).
RDALLV
RD160
0
0
0
0
0
1
1
0
1
0
1
Reads all external input V1ADC results and V9,
V10 results measured by V2ADC only.
RDALLR
RD160
0
0
0
0
0
0
1
0
0
0
1
Reads all external input V2ADC results and V7,
V8 results measured by V1ADC only.
RDALLX
RD160
0
0
0
0
1
0
1
0
0
0
1
Reads all AUX ADC results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com