Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 18 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 18 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 14Page - Microchip Technology UCS1002-3 Datasheet HTML 15Page - Microchip Technology UCS1002-3 Datasheet HTML 16Page - Microchip Technology UCS1002-3 Datasheet HTML 17Page - Microchip Technology UCS1002-3 Datasheet HTML 18Page - Microchip Technology UCS1002-3 Datasheet HTML 19Page - Microchip Technology UCS1002-3 Datasheet HTML 20Page - Microchip Technology UCS1002-3 Datasheet HTML 21Page - Microchip Technology UCS1002-3 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 114 page
background image
UCS1002-3
DS20006852A-page 18
 2023 Microchip Technology Inc. and its subsidiaries
The description of the pin types are listed in Table 3-2.
17
DPOUT
USB data output (plus)
AIO (see
Note 2)
Connect to ground
18
A_DET#
Active-low device Attach Detection
output flag (requires pull-up resistor)
OD
Connect to ground
19
EM_EN
Active mode selector input
DI
Connect to ground or
VDD (see Note 3)
20
GND
Ground
Power
n/a
Bottom Pad
GND FLAG
Thermal connection to ground plane
Thermal Pad
n/a
TABLE 3-1:
PIN FUNCTION TABLE (CONTINUED)
UCS1002-3
5x5 VQFN
Symbol
Function
Pin Type
Connection Type if Pin
Not Used
Note 1: Total leakage current from pins 4, 5 and 6 (VBUS) to ground must be less than 100 µA for proper
attach/removal detection operation.
2: It is recommended to use 2 M
 pull-down resistors on the DPOUT or DMOUT pin, or both if a portable
device stimulus is expected when using the Customer Charger Emulation profile with the high-speed data
switch open. The 2 M
 value is based on BC1.1 impedance characteristics for Dedicated Charging Ports.
3: To ensure operation, the PWR_EN pin must be enabled, as determined by the SEL pin decode, when it is
not driven by an external device. Furthermore, one of the M1, M2 or EM_EN pins must be connected to
VDD if all three are not driven from an external device. If the PWR_EN pin is disabled or all of the M1, M2,
and EM_EN pins are connected to ground, the UCS1002-3 remains in the Sleep or Detect state unless
activated via the SMBus.
TABLE 3-2:
PIN TYPES DESCRIPTION
Pin Type
Description
Power
This pin is used to supply power or ground to the device
Hi-Power
This pin is a high-current pin
AIO
Analog Input/Output – this pin is used as an I/O for analog signals.
DI
Digital Input – this pin is used as a digital input. This pin is glitch-free.
DIOD
Open-Drain Digital Input/Output – this pin is bidirectional. It is open-drain and
requires a pull-up resistor. This pin is glitch-free.
OD
Open-Drain Digital Output – used as a digital output. It is open-drain and requires a
pull-up resistor. This pin is glitch-free.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com