Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 64 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 64 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 60Page - Microchip Technology UCS1002-3 Datasheet HTML 61Page - Microchip Technology UCS1002-3 Datasheet HTML 62Page - Microchip Technology UCS1002-3 Datasheet HTML 63Page - Microchip Technology UCS1002-3 Datasheet HTML 64Page - Microchip Technology UCS1002-3 Datasheet HTML 65Page - Microchip Technology UCS1002-3 Datasheet HTML 66Page - Microchip Technology UCS1002-3 Datasheet HTML 67Page - Microchip Technology UCS1002-3 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 114 page
background image
UCS1002-3
DS20006852A-page 64
 2023 Microchip Technology Inc. and its subsidiaries
10.8
IBUS_CHG Configuration Register
The IBUS_CHG Configuration register sets the
IBUS_CHG current value. If current greater than
IBUS_CHG is detected flowing out of VBUS, emulation is
successful. The bit weights are in mA, and the range is
from 9.76 mA to 156.16 mA.
The contents of this register are not retained in Sleep.
* The value at POR for ICHG bits is 0001.
10.9
TDET_CHARGE Configuration
Register
The TDET_CHARGE Configuration register controls
the tDC_TEMP and tDET_CHARGE timing. The tDC_TEMP
timer is started whenever the temperature exceeds
TREG. This timer is meant to give the system time to
cool at the lower ILIM setting before changing ILIM
again. The tDET_CHARGE timer is started whenever the
VBUS voltage is discharged and the bypass switch is
reactivated. This timer is meant to be a time delay to
enable the VBUS capacitor to charge before detecting
an Attach Detection event.
If tDET_CHARGE time is increased greater than 800 ms,
larger bus capacitors can be accommodated;
however, with a portable device present and PWR_EN
disabled, a Removal Detection event and then another
Attach Detection event occurs.
The contents of this register are retained in Sleep.
Name
Bits Address
Cof
Default
IBUS_CHG
Configuration
8
1Eh
R/W
04h
REGISTER 10-16: IBUS_CHG CONFIGURATION REGISTER (ADDRESS 1Eh)
U-x
U-x
U-x
U-x
R/W-1*
R/W-1*
R/W-1*
R/W-1*
—
—
—
—
ICHG[3]
ICHG[2]
ICHG[1]
ICHG[0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
Unimplemented
bit 3-0
ICHG[3:0]
1 LSB = 9.76 mA
Name
Bits Address
Cof
Default
TDET_CHARGE
Configuration
8
1Fh
R/W
03h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com