Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 45 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 45 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 41Page - Microchip Technology UCS1002-3 Datasheet HTML 42Page - Microchip Technology UCS1002-3 Datasheet HTML 43Page - Microchip Technology UCS1002-3 Datasheet HTML 44Page - Microchip Technology UCS1002-3 Datasheet HTML 45Page - Microchip Technology UCS1002-3 Datasheet HTML 46Page - Microchip Technology UCS1002-3 Datasheet HTML 47Page - Microchip Technology UCS1002-3 Datasheet HTML 48Page - Microchip Technology UCS1002-3 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 45
UCS1002-3
9.11.5
LEGACY 7 CHARGER
EMULATION PROFILE
Legacy 7 Charger Emulation Profile steps:
1.
The UCS1002-3 applies a voltage on the
DPOUT pin using a voltage divider between
VBUS and ground with the center tap on the
DPOUT pin.
2.
VBUS voltage is applied.
3.
If the portable device draws more than IBUS_CHG
current when the tEM_TIMEOUT timer expires, the
UCS1002-3 accepts that Legacy 7 is the correct
charger emulation profile for the attached
portable device. Charging commences. The
voltage applied to the DPOUT pin remains in
place (unless EM_RESP is set to 0b). The
UCS1002-3 begins operating in Trip mode or CC
mode as determined by the IBUS_R2MIN setting
(see
Section 10.14
“Current
Limiting
Behavior Configuration Registers”).
4.
If the portable device does not draw more than
IBUS_CHG current when tEM_TIMEOUT timer
expires, the UCS1002-3 stops the Legacy 7
Charger Emulation Profile. This causes the
voltage put onto the DPOUT pin to be removed.
Emulation Reset occurs, and the UCS1002-3
initiates the next charger emulation profile.
9.12
Custom Charger Emulation Profile
The UCS1002-3 enables the user to create a Custom
Charger emulation profile to handshake as any type of
charger. This profile can be included in the DCE Cycle.
In addition, it can be placed first or last in the profile
sequence in the DCE Cycle. See Register 10-35.
The Custom charger emulation profile uses a number
of registers to define stimuli and behaviors. The
Custom Charger emulation profile uses three separate
stimulus/response pairs that are detected and applied
in sequence, enabling flexibility to build any of the
preloaded emulation profiles, or tailor the profile to
match a specific charger application.
For details, see Application Note 24.14 – “UCS1002
Fundamentals of Custom Charger Emulation”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com