Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 48 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 48 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 44Page - Microchip Technology UCS1002-3 Datasheet HTML 45Page - Microchip Technology UCS1002-3 Datasheet HTML 46Page - Microchip Technology UCS1002-3 Datasheet HTML 47Page - Microchip Technology UCS1002-3 Datasheet HTML 48Page - Microchip Technology UCS1002-3 Datasheet HTML 49Page - Microchip Technology UCS1002-3 Datasheet HTML 50Page - Microchip Technology UCS1002-3 Datasheet HTML 51Page - Microchip Technology UCS1002-3 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 114 page
background image
UCS1002-3
DS20006852A-page 48
 2023 Microchip Technology Inc. and its subsidiaries
During Power-On Reset (POR), the default values are
stored in the registers. A POR is initiated when power
is first applied to the part and the voltage on the VDD
supply surpasses the VDD_TH level as specified in the
electrical characteristics. Any reads to undefined
registers returns 00h. Writes to undefined registers do
not have an effect.
When a bit is set, this means that the user writes a logic
‘1’ to it. When a bit is cleared, this means that the user
writes a logic ‘0’ to it.
10.1
Current Measurement Register
(Address 00h)
The Current Measurement register stores the
measured current value delivered to the portable
device (IBUS). This value is updated continuously
while the device is in the Active power state. The bit
weights are in mA and the range is from 9.76 mA to
2.5A.
This data is cleared when the device enters the Sleep
or Detect states. This data is also cleared whenever the
port power switch is turned OFF (including during
emulation or any time that VBUS is discharged).
10.2
Total Accumulated Charge
Registers
The Total Accumulated Charge registers store the total
accumulated charge delivered from the VS source to a
portable device. The bit weighting of the registers is
given in mAh. The register value is reset to 00_00h only
when the RATION_RST bit is set or if the RATION_EN
bit is cleared. This value is retained when the device
transitions out of the Active state and resumes
accumulation if the device returns to the Active state
and charge rationing is still enabled.
These registers are updated every one (1) second
while the UCS1002-3 is in the Active power state.
Whenever the value is updated, it is compared against
the target value in the Charge Rationing Threshold
registers (see Section 10.6 “Charge Rationing
Threshold Registers”).
This data is retained in the Sleep state.
47h
Custom Stimulus/Response
Pair 2 – Config 3
R/W
Sets the threshold and pull-up/pull-down
settings for Stimulus 2
00h
89
48h
Custom Stimulus/Response
Pair 2 – Config 4
R/W
Sets the resistor ratio for Stimulus 2
00h
90
49h
Custom Emulation Stimulus
3 – Config 1
R/W
Sets the stimulus and timing for
Stimulus 3
00h
91
4Ah
Custom Stimulus/Response
Pair 3 – Config 2
R/W
Sets the response and magnitude for
Stimulus 3
00h
92
4Bh
Custom Stimulus/Response
Pair 3 – Config 3
R/W
Sets the threshold and pull-up/pull-down
settings for Stimulus 3
00h
93
4Ch
Custom Stimulus/Response
Pair 3 – Config 4
R/W
Sets the resistor ratio for Stimulus 3
00h
94
50h
Applied Current Limiting
Behavior
R
Indicates the applied current limiting
behavior
82h
95
51h
Custom Current Limiting
Behavior Config
R/W
Controls the custom current limiting
behavior
82h
96
FDh
Product ID
R
Stores a fixed value that identifies each
product
4Eh
97
FEh
Manufacturer ID
R
Stores a fixed value that identifies
Microchip
5Dh
97
FFh
Revision
R
Stores a fixed value that represents the
revision number
82h
97
TABLE 10-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register
Address
Register Name
R/W
Function
Default
Value
Page
No.
Name
Bits Address Cof. Default
Current Measurement
8
00h
R
00h
Name
Bits Address Cof. Default
Total Accumulated
Charge High Byte
8
01h
R
00h
Total Accumulated
Charge Middle High
8
02h
R
00h
Total Accumulated
Charge Middle Low Byte
8
03h
R
00h
Total Accumulated
Charge Low Byte
8
04h
R
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com