Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 22 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 22 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 18Page - Microchip Technology UCS1002-3 Datasheet HTML 19Page - Microchip Technology UCS1002-3 Datasheet HTML 20Page - Microchip Technology UCS1002-3 Datasheet HTML 21Page - Microchip Technology UCS1002-3 Datasheet HTML 22Page - Microchip Technology UCS1002-3 Datasheet HTML 23Page - Microchip Technology UCS1002-3 Datasheet HTML 24Page - Microchip Technology UCS1002-3 Datasheet HTML 25Page - Microchip Technology UCS1002-3 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 114 page
background image
UCS1002-3
DS20006852A-page 22
 2023 Microchip Technology Inc. and its subsidiaries
Figure 5-2 shows a system configuration in which the
UCS1002-3 provides a USB data switch, port power
switch, low-power Attach Detection and portable
device Attach/Removal Detection signaling. This
configuration does not include configurable data line
charger emulation, programmable current limiting or
current monitoring and rationing.
FIGURE 5-2:
UCS1002-3 System Configuration (Charger Emulation, No SMBus, with USB Host).
UCS1002
LATCH
ALERT#
PWR_EN
3 V – 5.5 V
GND
Device
DPIN
DMIN
DPOUT
DMOUT
VDD
5 V
VBUS1
VBUS2
VS1
VS2
COMM_SEL / ILIM
3 V – 5.5 V
Auto-recovery
Upon Fault
Latch
Upon Fault
EM_EN
M1
M2
SEL
A_DET#
5 V Host
CBUS
USB Host
S0
Disable
Detect State
Enable
Detect State
CIN
VDD
>47k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com