Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 46 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 46 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 42Page - Microchip Technology UCS1002-3 Datasheet HTML 43Page - Microchip Technology UCS1002-3 Datasheet HTML 44Page - Microchip Technology UCS1002-3 Datasheet HTML 45Page - Microchip Technology UCS1002-3 Datasheet HTML 46Page - Microchip Technology UCS1002-3 Datasheet HTML 47Page - Microchip Technology UCS1002-3 Datasheet HTML 48Page - Microchip Technology UCS1002-3 Datasheet HTML 49Page - Microchip Technology UCS1002-3 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 114 page
background image
UCS1002-3
DS20006852A-page 46
 2023 Microchip Technology Inc. and its subsidiaries
10.0 REGISTER DESCRIPTION
The registers shown in Table 10-1 are accessible
through the SMBus or I2C. An entry of ‘-’ indicates that
the bit is not used. Writing to these bits will have no
effect and reading these bits will return ‘0’. An entry of
RES indicates that the bit is reserved. Writing to a RES
bit may cause unexpected results and reading from a
RES bit will return either ‘1’ or ‘0’ as indicated in the bit
description. While in the Sleep state, the UCS1002-3
retains configuration and charge rationing data as indi-
cated in the text. If a register does not indicate that data
is retained in the Sleep power state, this information is
lost when the UCS1002-3 enters the Sleep power
state.
TABLE 10-1:
REGISTER SET IN HEXADECIMAL ORDER
Register
Address
Register Name
R/W
Function
Default
Value
Page
No.
00h
Current Measurement
R
Stores the current measurement
00h
48
01h
Total Accumulated Charge
High Byte
R
Stores the total accumulated charge
delivered high byte
00h
49
02h
Total Accumulated Charge
Middle High Byte
R
Stores the total accumulated charge
delivered middle high byte
00h
49
03h
Total Accumulated Charge
Middle Low Byte
R
Stores the total accumulated charge
delivered middle low byte
00h
49
04h
Total Accumulated Charge
Low Byte
R
Stores the total accumulated charge
delivered low byte
00h
49
0Fh
Other Status
R
Indicates emulation status as well as the
ALERT# and A_DET# pin status
00h
50
10h
Interrupt Status
See
Register 10-3
Indicates why ALERT# pin asserted
00h
51
11h
General Status
R/R-C
Indicates general status
00h
52
12h
Profile Status 1
R
Indicates which charger emulation
profile is accepted
00h
53
13h
Profile Status 2
R
00h
54
14h
Pin Status
R
Indicates the pin states of the internal
control pins
00h
55
15h
General Configuration
R/W
Controls basic functionality
01h
56
16h
Emulation Configuration
R/W
Controls emulation functionality
8Ch
57
17h
Switch Configuration
R/W
Controls advanced switch functions
04h
58
18h
Attach Detect Configuration
R/W
Controls Attach Detect functionality
47h
59
19h
Current Limit
R/W
Controls the maximum current limit
00h
61
1Ah
Charge Rationing Threshold
High Byte
R/W
Controls the Current Threshold ITHRESH
used by the charge rationing circuitry
FFh
61
1Bh
Charge Rationing Threshold
Low Byte
R/W
Controls the Current Threshold ITHRESH
used by the charge rationing circuitry
FFh
61
1Ch
Auto-Recovery
Configuration
R/W
Controls the Auto-Recovery functionality
2Ah
62
1Eh
IBUS_CHG Configuration
R/W
Stores the limit for IBUS_CHG used to
determine if emulation is successful
04h
63
1Fh
tDET_CHARGE Configuration
R/W
Stores bits that define the tDET_CHARGE
time
03h
64
20h
BCS Emulation Enable
R/W
Enables BCS charger emulation profiles
06h
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com