Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 70 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 70 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 66Page - Microchip Technology UCS1002-3 Datasheet HTML 67Page - Microchip Technology UCS1002-3 Datasheet HTML 68Page - Microchip Technology UCS1002-3 Datasheet HTML 69Page - Microchip Technology UCS1002-3 Datasheet HTML 70Page - Microchip Technology UCS1002-3 Datasheet HTML 71Page - Microchip Technology UCS1002-3 Datasheet HTML 72Page - Microchip Technology UCS1002-3 Datasheet HTML 73Page - Microchip Technology UCS1002-3 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 114 page
background image
UCS1002-3
DS20006852A-page 70
 2023 Microchip Technology Inc. and its subsidiaries
bit 5-3
S1_TD[2:0]: Determines the stimulus 1 tSTIM_DEL value as shown below.
000 =0 ms
001 =1 ms
010 =5 ms
011 = 10 ms
100 = 20 ms
101 = 40 ms
110 = 80 ms
111 =100 ms
bit 2-0
STIM1[2:0]: Determines the Stimulus 1 that is used as shown below. Note that the lower threshold for
the window comparator option is fixed at 400 mV and only applies to the DPOUT pin. This setting cannot
be used for the DMOUT port.
000 = VBUS voltage ready to be applied before port power switch is closed. Next stimulus does not wait
for this to be removed.
001 = DPOUT voltage is higher than the threshold (S1_TH).
010 = Window comparator. DPOUT voltage is lower than the threshold (S1_TH) and DPOUT voltage
higher than the fixed threshold.
011 = DMOUT voltage is higher than the threshold (S1_TH).
100 = Do not use.
101 = Do not use.
110 = DPOUT voltage is higher than the threshold (S1_TH).
111 = VBUS voltage is present after port power switch is closed. Next stimulus does not wait for this
to be removed.
Note 1: The Legacy charger emulation profiles do not use these settings. Whenever a Legacy charger emulation
profile is applied within the DCE Cycle, these controls are not updated and must be ignored. These
settings are only used by the BC1.2 CDP and DCP charger emulation profiles.
REGISTER 10-24: PRELOADED EMULATION STIMULUS 1 CONFIGURATION 1 REGISTER
(ADDRESS 31h)(Note 1) (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com