Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 68 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 68 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 64Page - Microchip Technology UCS1002-3 Datasheet HTML 65Page - Microchip Technology UCS1002-3 Datasheet HTML 66Page - Microchip Technology UCS1002-3 Datasheet HTML 67Page - Microchip Technology UCS1002-3 Datasheet HTML 68Page - Microchip Technology UCS1002-3 Datasheet HTML 69Page - Microchip Technology UCS1002-3 Datasheet HTML 70Page - Microchip Technology UCS1002-3 Datasheet HTML 71Page - Microchip Technology UCS1002-3 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 114 page
background image
UCS1002-3
DS20006852A-page 68
 2023 Microchip Technology Inc. and its subsidiaries
10.12 Preloaded Emulation
Configuration Registers
The Preloaded Emulation Configuration registers store
the settings loaded from internal memory as required
for the preloaded charger emulation profile that is
actively being applied. These registers are read only.
The contents of registers 31h-3Bh are loaded
dynamically during charger emulation. When the
Custom charger emulation profile is being applied, the
contents of these registers will remain set at the
previously applied preloaded charger emulation profile.
The Legacy charger emulation profiles, and the BC1.2
DCP charger emulation profile do not use the Stimulus
3 Configuration registers (39h-3Bh). Whenever these
charger emulation profiles are applied, registers
39h3Bh will not be updated and their contents should
be ignored.
The contents of registers 31h, 35 and 39h are not
retained in Sleep. They are updated as needed. The
contents of registers 32h, 33h, 34h, 36h, 37h, 38h,
3Ah, 3Bh, are retained in Sleep.
REGISTER 10-22: LEGACY EMULATION TIMEOUT CONFIG 2 REGISTER (ADDRESS 24h)
U-x
U-x
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
—
—
L5EM_TO[1:0]
L6EM_TO[1:0]
L7EM_TO[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented
bit 5-4
L5EM_TO[1:0]: Defines the tEM_TIMEOUT setting as shown below. This is applied when the Legacy 5
charger emulation profile is used during the DCE Cycle.
00 = 0.8s
01 = 1.6s
10 = 6.4s
11 = 12.8s
bit 3-2
L6EM_TOV[1:0]: Defines the tEM_TIMEOUT setting as shown below. This is applied when the Legacy 6
charger emulation profile is used during the DCE Cycle.
00 = 0.8s
01 = 1.6s
10 = 6.4s
11 = 12.8s
bit 1-0
L7EM_TO[1:0]: Defines the tEM_TIMEOUT setting as shown below. This is applied when the Legacy 7
charger emulation profile is used during the DCE Cycle.
00 = 0.8s
01 = 1.6s
10 = 6.4s
11 = 12.8s
Name
Bits Address Cof
Default
Applied Charger Emulation
8
30h
R
00h
Preloaded Emulation
Stimulus 1 – Config 1
8
31h
R
00h
Preloaded Emulation
Stimulus 1 – Config 2
8
32h
R
00h
Preloaded Emulation
Stimulus 1 – Config 3
8
33h
R
00h
Preloaded Emulation
Stimulus 1 – Config 4
8
34h
R
00h
Preloaded Emulation
Stimulus 2 -– Config 1
8
35h
R
00h
Preloaded Emulation
Stimulus 2 – Config 2
8
36h
R
00h
Preloaded Emulation
Stimulus 2 – Config 3
8
37h
R
00h
Preloaded Emulation
Stimulus 2 – Config 4
8
38h
R
00h
Preloaded Emulation
Stimulus 3 – Config 1
8
39h
R
00h
Preloaded Emulation
Stimulus 3 – Config 2
8
3Ah
R
00h
Preloaded Emulation
Stimulus 3 – Config 3
83Bh
R
00h
Name
Bits Address Cof
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com